Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG42.5 Datasheet(PDF) 3 Page - Littelfuse

Part # CG42.5
Description  Gas Discharge Tube (GDT) Products
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG42.5 Datasheet(HTML) 3 Page - Littelfuse

  CG42.5 Datasheet HTML 1Page - Littelfuse CG42.5 Datasheet HTML 2Page - Littelfuse CG42.5 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Gas Discharge Tube (GDT) Products
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/30/16
CG4 Series
Device Dimensions
Product Marking
Littelfuse Logo
Voltage Code
Production Year
Code
LF 1200 16
0.6 ± 0.1
4.2 ± 0.2
TOP VIEW
PROFILE VIEW
TOP VIEW
7.2
3.5
1.3
Recommended Soldering Pad Layout
Dimensions in millimeters
Part Numbering System and Ordering Information
CG4 x.x SM
Breakdown Voltage
Lead Option Code
0.8 = 800V
1.0 = 1000V
3.0 = 3000V
(Voltage code examples for x.x)
Series
CG4
SM (Surface Mount,
two squared terminals)
Taping and Reel Specifications
330±4.0
>1.5 Typ.
18 Typ.
100 Typ.
Packaging Quantity:
1000 pcs per reel (13”)
1 reels per inner box
10 inners box per carton
10,000 pcs per full carton
W
F
E
2.00 ± 0.10
P0
P
D
K
A0
B0
t
Ø1.50MIN
Unit = mm
Item
Spec
Item
Spec
P
8 ± 0.1
E
1.75 ± 0.1
P0
4.0 ± 0.1
D
Ø1.55 ± 0.05
W
16.0 ± 0.3
K
6.5 ± 0.1
F
7.5 ± 0.1
t
0.4 ± 0.05
A0
4.9 ± 0.1
B0
6.5 ± 0.1


Similar Part No. - CG42.5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CG40 MACOM-CG40 Datasheet
468Kb / 3P
   Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
M/A-COM Technology Solu...
CG40 MA-COM-CG40 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
Schurter Inc.
CG40.6101.151 SCHURTER-CG40.6101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
CG40.6101.151 SCHURTER-CG40.6101.151 Datasheet
635Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
logo
Cornell Dubilier Electr...
CG400T450R2C CDE-CG400T450R2C Datasheet
264Kb / 2P
   Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
More results

Similar Description - CG42.5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com