Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10TQ035 Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 10TQ035
Description  Switching power supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

10TQ035 Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  10TQ035 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 10TQ035 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 10TQ035 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 10TQ035 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd 10TQ035 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd 10TQ035 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1065, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
10TQ035 /S
10TQ040 /S
10TQ045 /S
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 10A, Pulse, TJ = 25 °C
@ 20A, Pulse, TJ = 25 °C
0.57
0.70
V
Max. Forward Voltage Drop*
VF2
@ 10A, Pulse, TJ = 125 °C
@ 20A, Pulse, TJ = 125 °C
0.49
0.61
V
Max. Reverse Current at DC
condition
IR1
@VR = rated VR
TJ = 25 °C
2.0
mA
Max. Reverse Current
IR2
@VR = rated VR
TJ = 125 °C
15
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
900
pF
Typical Series Inductance
LS
Measured lead to lead 5 mm from
package body
8.0
nH
Max. Voltage Rate of
Change(Rated VR)
dv/dt
-
10,000
V/
μs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +175
°C
Max. Storage Temperature
Tstg
-
-55 to +175
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
2.0
°C/W
Typical Thermal
Resistance,case to Heat Sink
Rθcs
Mounting surface,smooth and
greased
0.50
°C/W
Approximate Weight
wt
-
1.8/1.85
g
Case Style
TO-220AC,D
2PAK(Suffix“s”for D2PAK)


Similar Part No. - 10TQ035

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10TQ035 IRF-10TQ035 Datasheet
150Kb / 6P
   SCHOTTKY RECTIFIER
10TQ035 IRF-10TQ035 Datasheet
171Kb / 4P
   10 AMP SCHOTTKY RECTIFIERS
logo
Vishay Siliconix
10TQ035 VISHAY-10TQ035 Datasheet
110Kb / 6P
   Schottky Rectifier, 10 A
Revision: 24-Jun-08
10TQ035 VISHAY-10TQ035 Datasheet
112Kb / 6P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
logo
New Jersey Semi-Conduct...
10TQ035 NJSEMI-10TQ035 Datasheet
142Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 10TQ035

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com