Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJQ-132DFNSB Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SMJQ-132DFNSB
Description  High Power Factor and Low THD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJQ-132DFNSB Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SMJQ-132DFNSB Datasheet HTML 5Page - Seoul Semiconductor SMJQ-132DFNSB Datasheet HTML 6Page - Seoul Semiconductor SMJQ-132DFNSB Datasheet HTML 7Page - Seoul Semiconductor SMJQ-132DFNSB Datasheet HTML 8Page - Seoul Semiconductor SMJQ-132DFNSB Datasheet HTML 9Page - Seoul Semiconductor SMJQ-132DFNSB Datasheet HTML 10Page - Seoul Semiconductor SMJQ-132DFNSB Datasheet HTML 11Page - Seoul Semiconductor SMJQ-132DFNSB Datasheet HTML 12Page - Seoul Semiconductor SMJQ-132DFNSB Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.seoulsemicon.com
Product Data Sheet
Acrich2.5
– 30W
9
Rev1.5, Oct 2, 2015
Part List
Table 5. Part List
– SMJQ-13XXFNSB
No
Part
Specification
Quantity
1
Group Lens Cover
• Material : Polycarbonate
• Thickness : 2.0mm
1
2
Lens Screw
• Material : Stainless Steel
• Type : M3
8
3
Sealing Rubber
• Material : Molded Silicone
1
4
LED module
• LED PKG : MJT5050
• PCB : Aluminum Metal PCB 1.6T
• On-board Surge Protection Circuit
1
5
Module Screw
• Material : Stainless Steel
• Type : M2
2
6
Heat sink
• Material : Die-cast Aluminum
• Color : Pantone Black
• Thermal Grease between the PCB and Heat sink
1
7
PG-7
• Water Proof Connector : Type PG-7
• Material : Polycarbonate
1
8
Wire
• AWG17 / Rubber 200mm, Stripped 25mm,Tinned 5mm
1
9
Thermal Grease
• Color : White
-


Similar Part No. - SMJQ-132DFNSB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJQ-13XXFNSX SEOUL-SMJQ-13XXFNSX Datasheet
912Kb / 19P
   Integrated AC LED Solution
More results

Similar Description - SMJQ-132DFNSB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Bel Fuse Inc.
SPAFCBK-11G BEL-SPAFCBK-11G Datasheet
2Mb / 37P
   High power quality (Power Factor and THD)
logo
Infineon Technologies A...
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
List of Unclassifed Man...
EN-822-300-V2P1-SIMPLE ETC2-EN-822-300-V2P1-SIMPLE Datasheet
276Kb / 6P
   Low THD, High Performance LED Driver
logo
EPCOS
B37923K5100B060 EPCOS-B37923K5100B060 Datasheet
126Kb / 14P
   Ultra-low ESR and high Q factor
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com