Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL10312 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL10312
Description  Satellite Demodulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10312 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL10312 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL10312 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL10312 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL10312 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL10312 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL10312 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL10312 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10312 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10312 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2004, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Conforms to EBU specification for DVB-S and
DirecTV specification for DSS
On-chip digital filtering supports 1 - 45 MSps
symbol rates
On-chip 60 or 90 MHz dual-ADC
High speed scanning mode for blind symbol
rate/code rate acquisition
Automatic spectral inversion resolution
High level software interface for minimum
development time
Up to ±22 MHz LNB frequency tracking
DiSEqC™ v2.2: receive/transmit for full control of
LNB, dish and other components
Compact 64 pin LQFP package (7 x 7 mm)
Sleep pin gives ~1,000 fold reduction in power to
help products meet ENERGY STAR®
requirements
Applications
DVB 1 - 45 MSps compliant satellite receiver
DSS 20 MSps compliant satellite receivers
SMATV trans-modulators. (Single Master
Antenna TV)
Satellite PC applications
Description
The
ZL10312
is
a
QPSK/BPSK
1 - 45 MSps
demodulator and channel decoder for digital satellite
television transmissions to the European Broadcast
Union ETS 300 421 specification. It receives analogue
I and Q signals from the tuner, digitises and digitally
demodulates this signal, and implements the complete
DVB/DSS FEC (Forward Error Correction), and de-
scrambling function. The output is in the form of
MPEG2 or DSS transport stream data packets. The
ZL10312 also provides automatic gain control to the RF
front-end device.
The ZL10312 has a serial 2-wire bus interface to the
control microprocessor. Minimal software is required to
control the ZL10312 because of the built in automatic
search and decode control functions.
November 2004
Ordering Information
ZL10312QCG
64 Pin LQFP
Trays, Bake & Drypack
ZL10312QCF
64 Pin LQFP
Tape & Reel
ZL10312QCG1
64 Pin LQFP*
Trays, Bake & Drypack
ZL10312UBH
Die supplied in wafer form**
*Pb Free Matte Tin
**Please contact Sales for further details
0
°C to +70°C
ZL10312
Satellite Demodulator
Data Sheet
Figure 1 - Functional Block Diagram
I I/P
Q I/P
Dual ADC
De-rotator
Decimation
Filtering
Timing recovery
Matched filter
Phase recovery
MPEG/
DSS
Packets
Bus I/O
2-Wire Bus
Interface
Acquisition
Control
Clock Generation
Analog
AGC
Control
DVB
DSS
FEC


Similar Part No. - ZL10312

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10310 ZARLINK-ZL10310 Datasheet
351Kb / 40P
   Digital Television DVB-T-On-a-Chip Processor
ZL10310GAC ZARLINK-ZL10310GAC Datasheet
351Kb / 40P
   Digital Television DVB-T-On-a-Chip Processor
ZL10311 ZARLINK-ZL10311 Datasheet
351Kb / 40P
   Digital Television DVB-T-On-a-Chip Processor
ZL10311GAC ZARLINK-ZL10311GAC Datasheet
351Kb / 40P
   Digital Television DVB-T-On-a-Chip Processor
ZL10313 ZARLINK-ZL10313 Datasheet
450Kb / 26P
   Satellite Demodulator
More results

Similar Description - ZL10312

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10313 ZARLINK-ZL10313 Datasheet
450Kb / 26P
   Satellite Demodulator
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
NXP Semiconductors
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
   Satellite Demodulator and Decoder SDD3
1999 Jul 28
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com