Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-215ACP Datasheet(PDF) 3 Page - Exar Corporation

Part # XR-215ACP
Description  Monolithic Phase Locked Loop
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-215ACP Datasheet(HTML) 3 Page - Exar Corporation

  XR-215ACP Datasheet HTML 1Page - Exar Corporation XR-215ACP Datasheet HTML 2Page - Exar Corporation XR-215ACP Datasheet HTML 3Page - Exar Corporation XR-215ACP Datasheet HTML 4Page - Exar Corporation XR-215ACP Datasheet HTML 5Page - Exar Corporation XR-215ACP Datasheet HTML 6Page - Exar Corporation XR-215ACP Datasheet HTML 7Page - Exar Corporation XR-215ACP Datasheet HTML 8Page - Exar Corporation XR-215ACP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
XR-215A
3
Rev. 1.01
PIN CONFIGURATION
16 Lead 300 Mil PDIP
VCC
VCOO
TCI2
TCI1
VSI
VGC
RGS
VEE
OPAMP
PCO1
PCO2
PHCP1
BIAS
PHCP2
COMP
OPAMPO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
VCOO
TCI2
TCI1
VSI
VGC
RGS
VEE
OPAMP
PCO1
PCO2
PHCP1
BIAS
PHCP2
COMP
OPAMPO
16 Lead SOIC (Jedec, 0.300”)
16
1
9
8
2
3
4
5
6
7
15
14
13
12
11
10
PIN DESCRIPTION
Pin #
Symbol
Type
Description
1
OPAMP
I
Operational Amplifier Input.
2
PCO1
O
Phase Comparator Output 1.
3
PCO2
O
Phase Comparator Output 2.
4
PHCP1
I
Phase Comparator Input 1.
5
BIAS
I
Phase Comparator Bias Input.
6
PHCP2
I
Phase Comparator Input 2.
7
COMP
I
Operational Amplifier Frequency Compensation Input.
8
OPAMPO
O
Operational Amplifier Output.
9
VEE
-
Negative Power Supply.
10
RGS
I
Range Select Input.
11
VGC
I
VCO Gain Control.
12
VSI
I
VCO Sweep Voltage Input.
13
TCI1
I
Timing Capacitor Input. The timing capacitor connects between this pin and pin 14.
14
TCI2
I
Timing Capacitor Input. The timing capacitor connects between this pin and pin 13.
15
VCOO
O
VCO Output.
16
VCC
-
Positive Power Supply.


Similar Part No. - XR-215ACP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-215ACP EXAR-XR-215ACP Datasheet
331Kb / 32P
   Monolithic Phase-Locked Loop
More results

Similar Description - XR-215ACP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR215A EXAR-XR215A Datasheet
331Kb / 32P
   Monolithic Phase-Locked Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com