Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RES16 Datasheet(PDF) 1 Page - Copal Electronics

Part # RES16
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RES16 Datasheet(HTML) 1 Page - Copal Electronics

  RES16 Datasheet HTML 1Page - Copal Electronics RES16 Datasheet HTML 2Page - Copal Electronics RES16 Datasheet HTML 3Page - Copal Electronics RES16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REC16/RES16
MANUAL SETTING TYPE OPTICAL ENCODERS
FEATURES
High resistant to electrostatic noise by using a plastic
shaft
Compact size of 16 mm square
With mechanical ON/OFF push switch
Long life
RoHS compliant
PART NUMBER DESIGNATION
R E C 1 6 A 2 5 - 2 0 1 - C
Series name
Push switch function
A:With push switch
B:Without push switch
REC:With click
RES:Without click
25, 50
Resolution (P/R)
Snap-in holder
CYes
BlankNo
2“A” & “B”
Output phase
LIST OF PART NUMBERS
Yes
No
Yes
No
Push switch function
Click
With Click
Without Click
With Click
Without Click
Test item
Resolution
25 (P/R)
50 (P/R)
REC16A25-201
REC16A25-201-C
REC16B25-201
REC16B25-201-C
RES16B25-201
RES16B25-201-C
REC16A50-201
REC16A50-201-C
REC16B50-201
REC16B50-201-C
RES16B50-201
RES16B50-201-C
Snap-in holder
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
Part number
RoHS compliant


Similar Part No. - RES16

ManufacturerPart #DatasheetDescription
logo
Rohm
RES100N03 ROHM-RES100N03 Datasheet
44Kb / 4P
   Switching (30V, 10A)
logo
Ohmite Mfg. Co.
RES10K OHMITE-RES10K Datasheet
423Kb / 2P
   (Potentiometers) Wirewound
logo
Texas Instruments
RES11A TI1-RES11A Datasheet
3Mb / 42P
[Old version datasheet]   RES11A Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
DECEMBER 2023
RES11A-Q1 TI-RES11A-Q1 Datasheet
2Mb / 28P
[Old version datasheet]   RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
RES11A00 TI1-RES11A00 Datasheet
3Mb / 42P
[Old version datasheet]   RES11A Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
DECEMBER 2023
More results

Similar Description - RES16

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
REC16D COPAL-REC16D Datasheet
107Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC COPAL-REC Datasheet
131Kb / 6P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16K COPAL-REC16K Datasheet
112Kb / 5P
   MANUAL SETTING TYPE OPTICAL ENCODERS
RMS20 COPAL-RMS20 Datasheet
78Kb / 3P
   MANUAL SETTING TYPE MAGNETIC ENCODERS
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
   OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
   OPTICAL ENCODERS
RE12 COPAL-RE12 Datasheet
68Kb / 3P
   OPTICAL ENCODERS
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com