Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE30E Datasheet(PDF) 3 Page - Copal Electronics

Part # RE30E
Description  OPTICAL ENCODERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RE30E Datasheet(HTML) 3 Page - Copal Electronics

  RE30E Datasheet HTML 1Page - Copal Electronics RE30E Datasheet HTML 2Page - Copal Electronics RE30E Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RE30D出力
Output “A”
Output “B”
Output “Z”
a
b
c
d
R
CW
CCW
a, b, c, d = 1/4T1/8T
R= T3/4T
The “Z” phase, however, includes no more
than two “B” phase startups (CW rotation)
T
RE30D出力回路
Vcc
2.2 k
Output
0 V
5~12 V type
Vcc
Output
0 V
5~12 V open collector type
Sink current of output circuit 80 mA maximum (at 25 C)
2 – M 3, D = 4 min.
100.5
8
4
30
Cable length = 500 min.
Shield cable
AWG28
RE30E
OPTICAL ENCODERS
OUTPUT
OUTPUT CIRCUIT
RE30E
Red
Black
White
Green
Yellow
Cable shield
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance: ± 0.4 (Unit: mm)
ELECTRICAL WIRING
Power B
Power 0 (V)
Output “A”
Output “B”
Output “Z”
NC


Similar Part No. - RE30E

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RE300 EXTECH-RE300 Datasheet
108Kb / 6P
   Waterproof ORP Meter
logo
TP-Link Technologies Co...
RE300 TP-LINK-RE300 Datasheet
1Mb / 5P
   AC1200 Mesh Wi-Fi Range Extender
logo
Extech Instruments Corp...
RE300 EXTECH-RE300_15 Datasheet
111Kb / 1P
   ExStik짰 ORP Waterproof Meter
More results

Similar Description - RE30E

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
   OPTICAL ENCODERS
RE12 COPAL-RE12 Datasheet
68Kb / 3P
   OPTICAL ENCODERS
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
HEDL-64 HP-HEDL-64 Datasheet
464Kb / 8P
   Optical Incremental Housed Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-AD16-56C AVAGO-HRPG-AD16-56C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com