Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE20F Datasheet(PDF) 2 Page - Copal Electronics

Part # RE20F
Description  OPTICAL ENCODERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RE20F Datasheet(HTML) 2 Page - Copal Electronics

  RE20F Datasheet HTML 1Page - Copal Electronics RE20F Datasheet HTML 2Page - Copal Electronics RE20F Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
16
±0.1
Epoxy
AWG26
2 – M 2 D = 3.5 min.
8.5
±0.5
13.4
3 max.
CW
CCW
Output “A”
Output “B”
1/2T
1/2T
1/4T
±1/8T
T
Vibration
Power OFF
Power OFF
Power OFF
Power ON
Power OFF
Power ON
Power OFF
Power OFF
Shock
High temperature
exposure
Low temperature
exposure
Humidity
Thermal shock
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.4 (Unit: mm)
OUTPUT
O RE20F
Test item
RELIABILITY TEST
The output wave form and starting torque shall satisfy the STANDARD SPECIFICATIONS after the following tests.
Test conditions
Amplitude : 1.52 mm or 98.1 m/s
2 (10 G) whichever is smaller.
10 ~ 500 Hz excursion 5 min/cycle, 1 hour each for X, Y, Z, directions.
1 time each in 6 directions (X, Y, Z) at 490 m/s
2 (50 G), 11 ms.
80 °C 96 h
(To be measured after leaving samples for 1 h at normal temperature and
humidity after the test.)
50 °C 96 h
− 20 °C 96 h
0 °C 96 h
40 °C Relative humidity 90 ∼ 95 % 96 h
(To be measured after wiping out moisture and leaving samples for 1 h at normal temperature and humidity after the test.)
To be done 10 cycles with the following condition
(To be measured after leaving samples for 1 h at normal temperature and humidity after the test.)
70 °C 1 h、
− 20 °C 1 h
RE20F
OPTICAL ENCODERS


Similar Part No. - RE20F

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RE20 SCHNEIDER-RE20 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
SUNMATE electronic Co.,...
RE2000A SUNMATE-RE2000A Datasheet
210Kb / 1P
   SURFACE MOUNT HIGH VLTAGE RECTIFEER DIODES
logo
Silvan Chip Electronics...
RE200B SILVAN-RE200B Datasheet
35Kb / 2P
   RE200B sensor
More results

Similar Description - RE20F

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
   OPTICAL ENCODERS
RE12 COPAL-RE12 Datasheet
68Kb / 3P
   OPTICAL ENCODERS
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
HEDL-64 HP-HEDL-64 Datasheet
464Kb / 8P
   Optical Incremental Housed Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-AD16-56C AVAGO-HRPG-AD16-56C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com