Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ-30 Datasheet(PDF) 6 Page - Copal Electronics

Part # PZ-30
Description  PRESSURE INDICATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PZ-30 Datasheet(HTML) 6 Page - Copal Electronics

  PZ-30_16 Datasheet HTML 1Page - Copal Electronics PZ-30_16 Datasheet HTML 2Page - Copal Electronics PZ-30_16 Datasheet HTML 3Page - Copal Electronics PZ-30_16 Datasheet HTML 4Page - Copal Electronics PZ-30_16 Datasheet HTML 5Page - Copal Electronics PZ-30_16 Datasheet HTML 6Page - Copal Electronics PZ-30_16 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5 core cable
(φ4)
L = 2000 100
AWG26 UL No.2844
□31.4
□30
21
35
20
13
2 – M3
Depth 6
Window
Push button
Wire input
Terminal : OCN-051 manufactured by Osada
Wire : AWG16 ~26
Wire strip length : 9 ~ 10 mm
8.5
+/–
SW1
SW2
PZ-30
kPa
□31.4
□30
21
35
2.2
26.5
20
7.5
13
2-M3
8.5
+/–
SW1
SW2
PZ-30
kPa
5 core cable
(φ4)
L = 2000 100
AWG26 UL No.2844
Depth 6
Connector : 0-171826-3 (Pitch 2.5) manufactured by Osada
(Housing : 0-171822-3)
PZ-30
PRESSURE INDICATORS
OUTLINE DIMENSION
Unless otherwise specified, tolerance:
± 0.5 (Unit: mm)
O PZ-30 One-touch type terminal
O PZ-30 Connector type terminal
SELECTION OF DISPLAY MULTIPLIER/RATED PRESSURE
Mode (3/3)
“1”
“2”
“3”
“4”
“5”
“6”
“7”
“8”
“9”
“A”
“b”
× 1 (kPa)
× 0.0102
× 10.2
× 7.501
× 102
× 0.01
× 10
× 0.145
× 0.000145
× 0.001 (MPa)
× 0.2953
Display multiplier
Code
Multiplier
Pressure reference
Pressure unit
Rated pressure range
Setting code
Rated pressure display
(PL ~ PH)
Gauge/Absolute
0 ~ 0.10
“11F”
0.0
98.0
0
343
0
490
0
686
0
980
0.0
-98.0
0.0
49.0
0.0
34.3
0.00
9.80
0.00
1.00
0.00
3.50
0.00
5.00
0.00
7.00
0.00
9.99
0.00
-1.00
0.00
0.50
0.00
0.35
0.00
0.10
0
999
0
-999
0
500
0
350
0.0
99.9
0
735
0
-735
0
367
0
257
0.0
73.5
0
999
0.00
0.98
0.00
3.43
0.00
4.90
0.00
6.86
0.00
9.80
0.00
-0.98
0.00
0.49
0.00
0.34
0.00
0.09
0
980
0
-980
0
490
0
340
0.0
98.0
0.0
14.2
0.0
49.7
0.0
71.0
0.0
99.5
0
142
0.0
-14.2
0.00
7.10
0.00
4.97
0.00
1.42
0.00
0.98
0.0
28.9
0
101
0
144
0
202
0
289
0.0
-28.9
0.0
14.4
0.0
10.1
0.00
2.89
“41F”
“51F”
“-12F”
“12F”
“42F”
“52F”
“72F”
“13F”
0 ~ 0.35
0 ~ 0.50
0 ~ -1.00
0 ~ 1.00
0 ~ 3.50
0 ~ 5.00
0 ~ 7.00
0 ~ 10.0
(
× 1 / 0.0102) kPa
Wire color
Brown
Gray
Black
White
Blue
Connection
Power
B
Analog output
Switch output 1
Switch output 2
Common


Similar Part No. - PZ-30_16

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PZ-30 COPAL-PZ-30 Datasheet
1Mb / 10P
   PRESSURE INDICATOR
More results

Similar Description - PZ-30_16

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
   PRESSURE INDICATORS
PZ-200 COPAL-PZ-200 Datasheet
563Kb / 14P
   Pressure Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
   Telecommunications indicators
HLMP-1719-A00A2 AVAGO-HLMP-1719-A00A2 Datasheet
294Kb / 10P
   Telecommunications indicators
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
   Digital Indicators
logo
OSRAM GmbH
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
   optical indicators
LSYT676-P2R1-1-Q2S1-35 OSRAM-LSYT676-P2R1-1-Q2S1-35 Datasheet
398Kb / 17P
   optical indicators
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
   optical indicators
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
   PANEL INDICATORS
logo
Carling Technologies
LP1HRR5-9AAY2-1DU CARLINGTECH-LP1HRR5-9AAY2-1DU Datasheet
751Kb / 6P
   Illuminated Indicators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com