Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU52274NUZ-ZE2 Datasheet(PDF) 5 Page - Rohm

Part # BU52274NUZ-ZE2
Description  Omnipolar Detection Hall IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU52274NUZ-ZE2 Datasheet(HTML) 5 Page - Rohm

  BU52274NUZ-ZE2 Datasheet HTML 1Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 2Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 3Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 4Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 5Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 6Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 7Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 8Page - Rohm BU52274NUZ-ZE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5/16
TSZ02201-0M2M0F415150-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
24.May.2016 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU52274NUZ
Measurement Circuit
Bop/Brp
VDD
100µF
VDD
GND
OUT1
/OUT2
V
Bop and Brp are measured by applying an external magnetic
field
Figure 1. Bop,Brp Measurement Circuit
Figure 2. Tp Measurement Circuit
The period is monitored by an oscilloscope
Tp
200Ω
VDD
VDD
GND
OUT1
/OUT2
Oscilloscope
VDD
VOH,VOL
100µF
VDD
GND
OUT1
/OUT2
V
IOUT
Figure 3. VOH ,VOL Measurement Circuit
IDD
VDD
2200µF
VDD
GND
OUT1
/OUT2
A
Figure 4. IDD Measurement Circuit


Similar Part No. - BU52274NUZ-ZE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ-ZE2 ROHM-BU52272NUZ-ZE2 Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ-ZE2 ROHM-BU52273NUZ-ZE2 Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results

Similar Description - BU52274NUZ-ZE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52077GWZ ROHM-BU52077GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52494NUZ ROHM-BU52494NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52092GWZ ROHM-BU52092GWZ Datasheet
1Mb / 17P
   Omnipolar Detection Hall IC
BU52058GWZ ROHM-BU52058GWZ Datasheet
840Kb / 18P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com