Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4551BFV Datasheet(PDF) 7 Page - Rohm

Part # BU4551BFV
Description  Quad 2ch Analog Multiplexer/Demultiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4551BFV Datasheet(HTML) 7 Page - Rohm

Back Button BU4551BFV Datasheet HTML 3Page - Rohm BU4551BFV Datasheet HTML 4Page - Rohm BU4551BFV Datasheet HTML 5Page - Rohm BU4551BFV Datasheet HTML 6Page - Rohm BU4551BFV Datasheet HTML 7Page - Rohm BU4551BFV Datasheet HTML 8Page - Rohm BU4551BFV Datasheet HTML 9Page - Rohm BU4551BFV Datasheet HTML 10Page - Rohm BU4551BFV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/16
TSZ02201-0RDR0GZ00310-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
08.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4551B BU4551BF BU4551BFV
Typical Performance Curves - continued
Figure 11. Propagation Delay Time tPLH (IN→OUT) vs
Ambient Temperature
Figure 12. Propagation Delay Time tPHL (IN→OUT) vs
Ambient Temperature
Figure 13. Propagation Delay Time tPZH
(CONTROL→OUT) vs Ambient Temperature
Figure 14. Propagation Delay Time tPHZ
(CONTROL→OUT) vs Ambient Temperature
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=16V
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=16V
0
10
20
30
40
50
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
VDD=5V
VDD=16V
VDD=10V
Operating Temperature Range
VDD=3V
0
10
20
30
40
50
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=16V


Similar Part No. - BU4551BFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551BFV ROHM-BU4551BFV Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
BU4551BFV ROHM-BU4551BFV Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551BFV ROHM-BU4551BFV Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4551BFV ROHM-BU4551BFV Datasheet
1Mb / 19P
   Quad 2ch Analog Multiplexer/Demultiplexer
BU4551BFV-E2 ROHM-BU4551BFV-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4551BFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551BC ROHM-BU4551BC Datasheet
1Mb / 19P
   Quad 2ch Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com