Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4052BCFVFV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BU4052BCFVFV-E2
Description  Dual 4ch Analog Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4052BCFVFV-E2 Datasheet(HTML) 4 Page - Rohm

  BU4052BCFVFV-E2 Datasheet HTML 1Page - Rohm BU4052BCFVFV-E2 Datasheet HTML 2Page - Rohm BU4052BCFVFV-E2 Datasheet HTML 3Page - Rohm BU4052BCFVFV-E2 Datasheet HTML 4Page - Rohm BU4052BCFVFV-E2 Datasheet HTML 5Page - Rohm BU4052BCFVFV-E2 Datasheet HTML 6Page - Rohm BU4052BCFVFV-E2 Datasheet HTML 7Page - Rohm BU4052BCFVFV-E2 Datasheet HTML 8Page - Rohm BU4052BCFVFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/17
TSZ02201-0RDR0GZ00290-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
08.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4052BC BU4052BCF BU4052BCFV
Electrical Characteristics (Unless otherwise specified VEE=VSS=0V, TA=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
DC Characteristics
Input “H” voltage
VIH
3.5
-
-
V
VDD=5V
-
7.0
-
-
VDD=10V
11.0
-
-
VDD=15V
Input “L” voltage
VIL
-
-
1.5
V
VDD=5V
-
-
-
3.0
VDD=10V
-
-
4.0
VDD=15V
Input “H” current
IIH
-
-
0.3
µA
VDD=15V
VIH=15V
Input “L” current
IIL
-
-
-0.3
µA
VDD=15V
VIL=0V
ON resistance
RON
-
-
950
Ω
VDD=5V
-
-
-
250
VDD=10V
-
-
160
VDD=15V
ON resistance defluxion
RON
-
10
-
Ω
VDD=5V
-
-
6
-
VDD=10V
-
4
-
VDD=15V
Channel-OFF Leakage current
IOFF
-
-
0.3
µA
VDD=15V
-
-
-
-0.3
VDD=15V
-
Quiescent supply current
IDD
-
-
5
µA
VDD=5V
VIN=VDD or VEE
-
-
10
VDD=10V
-
-
15
VDD=15V
Switching Characteristics, CL=50pF
Propagation delay time
IN→OUT
tPLH
tPHL
-
15
45
ns
VDD=5V
-
-
8
20
VDD=10V
-
6
15
VDD=15V
Propagation delay time
CONTROL (A,B)→OUT
tPHZ,tPLZ
tPZH,tPZL
-
170
550
ns
VDD=5V
-
-
90
240
VDD=10V
-
70
160
VDD=15V
Propagation delay time
CONTROL (INHIBIT)→OUT
tPHZ,tPLZ
tPZH,tPZL
-
150
450
ns
VDD=5V
-
-
70
210
VDD=10V
-
50
160
VDD=15V
Maximum propagation frequency
fMAX
-
20
-
MHz
VDD=5V
VEE=-5V
Feed through attenuation
FT
-
0.5
-
MHz
VDD=5V
VEE=-5V
Sine wave distortion
D
-
0.02
-
%
VDD=5V
VEE=-5V
Input capacitance (control input)
CC
-
5
-
pF
-
-
Input capacitance (switch input)
CS
-
10
-
pF
-
-


Similar Part No. - BU4052BCFVFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4052BCFV ROHM-BU4052BCFV Datasheet
79Kb / 7P
   Dual 4-channel analog multiplexer / demultiplexer
BU4052BCFV ROHM-BU4052BCFV Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BCFV ROHM-BU4052BCFV Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BCFV-E2 ROHM-BU4052BCFV-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BCFV-E2 ROHM-BU4052BCFV-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4052BCFVFV-E2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com