Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24A15M400BS2 Datasheet(PDF) 6 Page - Vicor Corporation

Part # S24A15M400BS2
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S24A15M400BS2 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button S24A15M400BS2 Datasheet HTML 2Page - Vicor Corporation S24A15M400BS2 Datasheet HTML 3Page - Vicor Corporation S24A15M400BS2 Datasheet HTML 4Page - Vicor Corporation S24A15M400BS2 Datasheet HTML 5Page - Vicor Corporation S24A15M400BS2 Datasheet HTML 6Page - Vicor Corporation S24A15M400BS2 Datasheet HTML 7Page - Vicor Corporation S24A15M400BS2 Datasheet HTML 8Page - Vicor Corporation S24A15M400BS2 Datasheet HTML 9Page - Vicor Corporation S24A15M400BS2 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
24V Maxi Family
Rev 6.6
vicorpower.com
Page 6 of 15
01/2016
800 927.9474
24V Input
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87.3
88.3
%
Nominal input; full load; 25°C
Ripple and noise
172
215
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
27.1
28.1
29.1
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
11.9
19.1
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
20.83
Amps
Current limit
21.3
24.0
28.1
Amps
Output voltage 95% of nominal
Short circuit current
14.6
24.0
28.1
Amps
Output voltage <250mV
24VOUT, 500W (e.g. V24A24C500BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.0
86.2
%
Nominal input; full load; 25°C
Ripple and noise
160
200
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
8.1
10
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
20
Amps
Current limit
20.4
23
27
Amps
Output voltage 95% of nominal
Short circuit current
14
23
27
Amps
Output voltage <250mV
15VOUT, 300W (e.g. V24A15C300BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
88.0
89.0
%
Nominal input; full load; 25°C
Ripple and noise
60
75
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
17.1
17.8
18.5
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
6.3
9.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
26.67
Amps
Current limit
27.2
30.7
34.8
Amps
Output voltage 95% of nominal
Short circuit current
18.6
30.7
37.9
Amps
Output voltage <250mV
15VOUT, 400W (e.g. V24A15C400BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24A12C300BL (enhanced efficiency)
88.0
89.5
%
Nominal input; full load; 25°C
V24A12C300BL (standard efficiency)
87.0
88.2
Ripple and noise
196
245
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
13.7
14.3
14.9
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
6.9
8.6
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.5
28.8
33.8
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
33.8
Amps
Output voltage < 250mV
12VOUT, 300W (e.g. S24A12C300BL, V24A12C300BL)


Similar Part No. - S24A15M400BS2

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S24A12-22 TELEDYNE-S24A12-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
More results

Similar Description - S24A15M400BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com