Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2505FV Datasheet(PDF) 11 Page - Rohm

Part # BU2505FV
Description  10bit 8ch/10ch D/A Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2505FV Datasheet(HTML) 11 Page - Rohm

Back Button BU2505FV Datasheet HTML 7Page - Rohm BU2505FV Datasheet HTML 8Page - Rohm BU2505FV Datasheet HTML 9Page - Rohm BU2505FV Datasheet HTML 10Page - Rohm BU2505FV Datasheet HTML 11Page - Rohm BU2505FV Datasheet HTML 12Page - Rohm BU2505FV Datasheet HTML 13Page - Rohm BU2505FV Datasheet HTML 14Page - Rohm BU2505FV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11/18
BU2505FV BU2506FV
TSZ02201-0RLR0GZ10140-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.co.jp
TSZ22111・15・001
Typical Performance Curves(reference data) - continued
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
400
600
800
1000
1200
Input Code [decimal]
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
400
600
800
1000
1200
Input Code [decimal]
Figure 8. INL vs Input Code
(Integral linearity error, TA=+25°C)
-1.5
-1
-0.5
0
0.5
1
1.5
0
200
400
600
800
1000
1200
Input Code [decimal]
Figure 9. INL vs Input Code
(Integral linearity error, TA=+85°C)
Figure 7. INL vs Input Code
(Integral linearity error, TA=-30°C)


Similar Part No. - BU2505FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2505FV ROHM-BU2505FV Datasheet
49Kb / 4P
   10bit 10-channel D/A converter
BU2505FV ROHM-BU2505FV Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2505FV ROHM-BU2505FV Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
More results

Similar Description - BU2505FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com