Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH2223FV Datasheet(PDF) 5 Page - Rohm

Part # BH2223FV
Description  D/A Converters Standard 8bit 10ch/12ch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH2223FV Datasheet(HTML) 5 Page - Rohm

  BH2223FV_15 Datasheet HTML 1Page - Rohm BH2223FV_15 Datasheet HTML 2Page - Rohm BH2223FV_15 Datasheet HTML 3Page - Rohm BH2223FV_15 Datasheet HTML 4Page - Rohm BH2223FV_15 Datasheet HTML 5Page - Rohm BH2223FV_15 Datasheet HTML 6Page - Rohm BH2223FV_15 Datasheet HTML 7Page - Rohm BH2223FV_15 Datasheet HTML 8Page - Rohm BH2223FV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
BH2223FV
BH2221FV
5/15
TSZ02201-0M2M0GZ15060-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Typical Performance Curves
Figure 4. Circuit Current vs Supply Voltage
(VCC Active Current Consumption)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0
1.0
2.0
3.0
4.0
5.0
6.0
SUPPLY VOLTAGE:VCC[V]
25°C
-20°C
85°C
Supply Voltage : VCC [V]
Figure 5. Circuit Current vs Supply Voltage
(VDD Active Current Consumption)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
1.0
2.0
3.0
4.0
5.0
6.0
SUPPLY VOLTAGE:VCC[V]
85°C
25°C
-20°C
Supply Voltage : VDD [V]
Figure 6. Output Voltage vs Input Code
0
500
1000
1500
2000
2500
3000
0
64
128
192
INPUT CODE [dec]
VCC or VDD=3.0V
Input Code [dec]
Figure 7. Differential Non Linearity Error vs Input Code
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
64
128
192
256
INPUT CODE [dec]
VCC or VDD=3.0V
Input Code [dec]


Similar Part No. - BH2223FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
More results

Similar Description - BH2223FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2221FV ROHM-BH2221FV Datasheet
80Kb / 6P
   8bit 12ch D/A converter
BH2223FV ROHM-BH2223FV Datasheet
88Kb / 6P
   8bit 10ch D/A converter
logo
Asahi Kasei Microsystem...
AK9813B AKM-AK9813B Datasheet
195Kb / 24P
   12ch 8bit D/A Converter with EEPROM
AK9813A AKM-AK9813A Datasheet
232Kb / 24P
   12ch 8bit D/A Converter with EEPROM
logo
Rohm
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
logo
Mitsubishi Electric Sem...
M62352AGP MITSUBISHI-M62352AGP Datasheet
760Kb / 6P
   8BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Rohm
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com