Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH1900NUX Datasheet(PDF) 1 Page - Rohm

Part # BH1900NUX
Description  Digital Temperature Sensor IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1900NUX Datasheet(HTML) 1 Page - Rohm

  BH1900NUX Datasheet HTML 1Page - Rohm BH1900NUX Datasheet HTML 2Page - Rohm BH1900NUX Datasheet HTML 3Page - Rohm BH1900NUX Datasheet HTML 4Page - Rohm BH1900NUX Datasheet HTML 5Page - Rohm BH1900NUX Datasheet HTML 6Page - Rohm BH1900NUX Datasheet HTML 7Page - Rohm BH1900NUX Datasheet HTML 8Page - Rohm BH1900NUX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/18
TSZ02201-0M2M0F516010-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
26.Apr.2016 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
Digital Temperature Sensor IC
BH1900NUX
General Description
The BH1900NUX is a digital temperature sensor IC
equipped with a two-wire serial interface. It’s small
package, so it can be placed near the component which
temperature is measured.
This device has 3 address pins and it allows to connect
8 devices on one bus.
Features
Digital Output: Two-wire Serial Interface.
8 Addresses.
Thermostat Mode.
Small package.
Applications
Smart phone, Tablet, LCD TV, notebook PC,
portable game machine, and digital camera.
Key Specifications
Supply Voltage Range:
2.7V to 3.6V
Temperature Accuracy(-20°C to +85°C):
±3.0°C
Operating Current:
75μA (Typ)
Shutdown Current:
1μA (Typ)
Operating Temperature Range:
-30°C to +95°C
Package
W(Typ) x D(Typ) x H(Max)
VSON008X2030
2.00mm x 3.00mm x 0.60mm
Typical Application Circuit
VSON008X2030
When address pins are A2=L, A1=L, A0=H.
VDD
A0
A1
ALERT
A2
SCL
SDA
BH1900NUX
Host
GND
Datasheet


Similar Part No. - BH1900NUX

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH191 ADAM-TECH-BH191 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
BH192 ADAM-TECH-BH192 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
BH193 ADAM-TECH-BH193 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
BH194 ADAM-TECH-BH194 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
BH195 ADAM-TECH-BH195 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
More results

Similar Description - BH1900NUX

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
Silicon Laboratories
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
TOKO, Inc
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
   TEMPERATURE SENSOR IC
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
   Temperature Sensor IC
logo
TOKO, Inc
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
   TEMPERATURE SENSOR IC
K11044 TOKO-K11044 Datasheet
37Kb / 5P
   TEMPERATURE SENSOR IC
TK11041 TOKO-TK11041 Datasheet
32Kb / 4P
   TEMPERATURE SENSOR IC
logo
List of Unclassifed Man...
STS21 ETC2-STS21 Datasheet
523Kb / 12P
   Temperature Sensor IC
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com