Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDJ0801HFV-TR Datasheet(PDF) 3 Page - Rohm

Part # BDJ0801HFV-TR
Description  Temperature Sensor ICs Low current Thermostat Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDJ0801HFV-TR Datasheet(HTML) 3 Page - Rohm

  BDJ0801HFV-TR Datasheet HTML 1Page - Rohm BDJ0801HFV-TR Datasheet HTML 2Page - Rohm BDJ0801HFV-TR Datasheet HTML 3Page - Rohm BDJ0801HFV-TR Datasheet HTML 4Page - Rohm BDJ0801HFV-TR Datasheet HTML 5Page - Rohm BDJ0801HFV-TR Datasheet HTML 6Page - Rohm BDJ0801HFV-TR Datasheet HTML 7Page - Rohm BDJ0801HFV-TR Datasheet HTML 8Page - Rohm BDJ0801HFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BDJxxx1HFV Series
3/13
TSZ02201-0M2M0F515120-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VDD
-0.3 to +7.0 (Note 1)
V
Input Voltage (Pd)
VIN
-0.3 to +VDD+0.3
V
OS Terminal Voltage
VOS
-0.3 to +7.0 (Note 1)
V
OS Terminal Current
IOS
5.0
mA
Power Dissipation
Pd
0.53 (Note 2)
W
Storage Temperature Range
Tstg
-55 to +150
°C
(Note 1) However, not exceeding Pd.
(Note 2) When mounted on ROHM standard board, derate by 5.36mW/°C for Ta higher than 25 °C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Power Supply Voltage
VDD
2.4
2.8
5.5
V
Operating Temperature Range
Topr
-30
-
+100
°C
Electrical Characteristics (Unless otherwise specified, VDD = 2.8V, Ta = 25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Supply Current
Normal Function Mode
IDD
-
7.5
12.0
µA
PD="H"
Power Down Mode
IDDPD
-
0.3
1.0
µA
PD="L"
PD
Input L Voltage
VIL
GND
-
0.2
V
Input H Voltage
VIH
1.5
-
VDD
V
PD Leakage Current
ILPD
-
-
1.0
µA
PD=2.8V
Analog Output
TEMP Output Voltage
VTEMP
1.279
1.300
1.321
V
Ta = 30°C
TEMP Temperature Sensitivity
VSE
-8.00
-8.20
-8.40
mV/°C
Ta = -30°C to +100°C
TEMP Load Regulation
∆VTEMPRL
-
-
1.0
mV
difference of
IOUT : 0µA / 2µA
TEMP VDD Regulation
∆VTEMPVDD
-
-
4.0
mV
VDD=2.4V to 5.5V
OS Output Open Drain
OS Leakage Current
IL
-
-
1.0
µA
VOS =5.0V
OS Output Voltage
VOL
-
-
0.4
V
IOS = 1.0mA
Radiation hardiness is not designed.
Temperature Accuracy (Unless otherwise specified, VDD = 2.8V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Thermostat
Sensing Temperature Accuracy
Tacc
-
-
±2.5
°C
Sensing Temperature Hysteresis
Thys
7.5
10.0
12.5
°C
Analog Output
TEMP Temperature Accuracy
TTEMP
-
-
±2.5
°C
VDD = 2.8V
Ta = -30°C to +100°C


Similar Part No. - BDJ0801HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0801HFV-TR ROHM-BDJ0801HFV-TR Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
More results

Similar Description - BDJ0801HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJXXX0HFV ROHM-BDJXXX0HFV Datasheet
279Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0900G-TR ROHM-BDE0900G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1000G-TR ROHM-BDE1000G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com