Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDJ0800HFV-TR Datasheet(PDF) 7 Page - Rohm

Part # BDJ0800HFV-TR
Description  Temperature Sensor ICs Low Current Thermostat Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDJ0800HFV-TR Datasheet(HTML) 7 Page - Rohm

Back Button BDJ0800HFV-TR Datasheet HTML 3Page - Rohm BDJ0800HFV-TR Datasheet HTML 4Page - Rohm BDJ0800HFV-TR Datasheet HTML 5Page - Rohm BDJ0800HFV-TR Datasheet HTML 6Page - Rohm BDJ0800HFV-TR Datasheet HTML 7Page - Rohm BDJ0800HFV-TR Datasheet HTML 8Page - Rohm BDJ0800HFV-TR Datasheet HTML 9Page - Rohm BDJ0800HFV-TR Datasheet HTML 10Page - Rohm BDJ0800HFV-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BDJxxx0HFV Series
7/13
TSZ02201-0M2M0F515110-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Nov.2015 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
2.
Operation Sequence
(ex.80°C detect Active-L type BDJ0800HFV)
BDJ0800HFV operation starts after PD
“H” Input.
Please refer to the OS terminal signal table below for the wait time after PD
“H” Input.
Ta
Symbol
Wait Time
Under detect Temp.
tOS_L
200µs
Over detect Temp.
tOS_H
1000µs
Ref Voltage
VDD
Hi Z
(pull-up)
Hi Z
Hi Z
1.300V@Ta=30°C
0.3µA
0.3µA
7.5µA
L Level 0.2V
PD
IDD
TEMP
OS
time
70°C
80°C
H Level 1.5V
Hi Z
Hi Z
7.5µA
0.3µA
Hi Z
tOS_L
tOS_H
Hi Z


Similar Part No. - BDJ0800HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0800HFV-TR ROHM-BDJ0800HFV-TR Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
More results

Similar Description - BDJ0800HFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJXXX0HFV ROHM-BDJXXX0HFV Datasheet
279Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0900G-TR ROHM-BDE0900G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1000G-TR ROHM-BDE1000G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com