Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM2576 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 2 page
background image
Block Diagram
01147602
3.3V R2 = 1.7k
5V, R2 = 3.1k
12V, R2 = 8.84k
15V, R2 = 11.3k
For ADJ. Version
R1 = Open, R2 = 0
Patent Pending
Ordering Information
Temperature
Range
Output Voltage
NS Package Package
Type
3.3
5.0
12
15
ADJ
Number
−40˚C
≤ T
A
≤ 125˚C
LM2576HVS-3.3
LM2576HVS-5.0
LM2576HVS-12 LM2576HVS-15 LM2576HVS-ADJ
TS5B
TO-263
LM2576S-3.3
LM2576S-5.0
LM2576S-12
LM2576S-15
LM2576S-ADJ
LM2576HVSX-3.3 LM2576HVSX-5.0 LM2576HVSX-12 LM2576HVSX-15 LM2576HVSX-ADJ
TS5B
Tape & Reel
LM2576SX-3.3
LM2576SX-5.0
LM2576SX-12
LM2576SX-15
LM2576SX-ADJ
LM2576HVT-3.3
LM2576HVT-5.0
LM2576HVT-12
LM2576HVT-15
LM2576HVT-ADJ
T05A
TO-220
LM2576T-3.3
LM2576T-5.0
LM2576T-12
LM2576T-15
LM2576T-ADJ
LM2576HVT-3.3
LM2576HVT-5.0
LM2576HVT-12
LM2576HVT-15
LM2576HVT-ADJ
T05D
Flow LB03
Flow LB03
Flow LB03
Flow LB03
Flow LB03
LM2576T-3.3
LM2576T-5.0
LM2576T-12
LM2576T-15
LM2576T-ADJ
Flow LB03
Flow LB03
Flow LB03
Flow LB03
Flow LB03
www.national.com
2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2599SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2677SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678S-12SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2590HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2591HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2592HVSIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2670SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1575SIMPLE SWITCHER 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl