Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDT802-SB Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # SDT802-SB
Description  Applicable for automotive Exterior light
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDT802-SB Datasheet(HTML) 2 Page - Seoul Semiconductor

  SDT802-SB Datasheet HTML 1Page - Seoul Semiconductor SDT802-SB Datasheet HTML 2Page - Seoul Semiconductor SDT802-SB Datasheet HTML 3Page - Seoul Semiconductor SDT802-SB Datasheet HTML 4Page - Seoul Semiconductor SDT802-SB Datasheet HTML 5Page - Seoul Semiconductor SDT802-SB Datasheet HTML 6Page - Seoul Semiconductor SDT802-SB Datasheet HTML 7Page - Seoul Semiconductor SDT802-SB Datasheet HTML 8Page - Seoul Semiconductor SDT802-SB Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SDT802-SB
– 802 Series Deep Red
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
2
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.2, Jul 22, 2016
 Table of Contents 는 Product Brief 다음 장에 위치
Table of Contents
Index
Product Brief
1
Table of Contents
2
Performance Characteristics
3
Characteristics Graph
5
Color Bin Structure
11
Reliability Test
12
Mechanical Dimensions
13
Material Structure
14
Recommended Solder Pad
15
Reflow Soldering Characteristics
16
Emitter Tape & Reel Packaging
17
Product Nomenclature
19
Handling of 802 Series
20
Precaution For Use
21
Company Information
24


Similar Part No. - SDT802-SB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDT8020-TC-QN ETC1-SDT8020-TC-QN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8020-TD-QN ETC1-SDT8020-TD-QN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8020-TM-NN ETC1-SDT8020-TM-NN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8020-TU-NN ETC1-SDT8020-TU-NN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8028 ETC1-SDT8028 Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
More results

Similar Description - SDT802-SB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAT802-SB SEOUL-SAT802-SB Datasheet
890Kb / 24P
   Applicable for automotive Exterior light
SZ5-L1-W0-00 SEOUL-SZ5-L1-W0-00 Datasheet
804Kb / 24P
   Applicable for automotive exterior light
SZ5-P0-WN-00 SEOUL-SZ5-P0-WN-00 Datasheet
1,023Kb / 24P
   Applicable for automotive exterior light
SNW0ND08S SEOUL-SNW0ND08S Datasheet
886Kb / 19P
   Applicable for automotive Exterior light
STW0C1MX SEOUL-STW0C1MX Datasheet
973Kb / 24P
   Applicable for automotive exterior light
STR0G16C SEOUL-STR0G16C Datasheet
873Kb / 23P
   Applicable for automotive exterior light
SYT802-SB SEOUL-SYT802-SB Datasheet
908Kb / 24P
   Applicable for automotive Exterior light
SZ5-P0-W0-00 SEOUL-SZ5-P0-W0-00 Datasheet
1Mb / 24P
   Applicable for automotive exterior light
STR0G16AB SEOUL-STR0G16AB Datasheet
853Kb / 24P
   Applicable for automotive exterior light
STY0G16A SEOUL-STY0G16A Datasheet
838Kb / 25P
   Applicable for automotive exterior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com