Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAW9A32E Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SAW9A32E
Description  Market Standard 3528 Package Size
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW9A32E Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SAW9A32E Datasheet HTML 5Page - Seoul Semiconductor SAW9A32E Datasheet HTML 6Page - Seoul Semiconductor SAW9A32E Datasheet HTML 7Page - Seoul Semiconductor SAW9A32E Datasheet HTML 8Page - Seoul Semiconductor SAW9A32E Datasheet HTML 9Page - Seoul Semiconductor SAW9A32E Datasheet HTML 10Page - Seoul Semiconductor SAW9A32E Datasheet HTML 11Page - Seoul Semiconductor SAW9A32E Datasheet HTML 12Page - Seoul Semiconductor SAW9A32E Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW9A32E
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
9
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, Oct 5, 2016
Characteristics Graph
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 8. Chromaticity Coordinate vs. Junction Temperature, I
F=100mA
(2600~3700K)
(4700~7000K)
0.351
0.354
0.357
0.360
0.363
0.366
0.350
0.355
0.360
0.365
0.370
0.375
0.380
25
80
100
120
x
0.450
0.452
0.454
0.456
0.458
0.460
0.395
0.400
0.405
0.410
0.415
0.420
25
80
100
120
x


Similar Part No. - SAW9A32E

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW9A32E-E1 SEOUL-SAW9A32E-E1 Datasheet
1Mb / 33P
   Mid-Power LED
More results

Similar Description - SAW9A32E

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW9A12D SEOUL-STW9A12D Datasheet
1Mb / 27P
   Market Standard 3528 Package Size
STW8A2PD SEOUL-STW8A2PD Datasheet
1Mb / 31P
   Market Standard 3528 Package Size
SAW8A32D SEOUL-SAW8A32D Datasheet
1Mb / 26P
   Market Standard 3528 Package Size
S2-SAW8Q24D SEOUL-S2-SAW8Q24D Datasheet
1Mb / 31P
   Market Standard 5630 Package Size
logo
List of Unclassifed Man...
CBS2002424 ETC2-CBS2002424 Datasheet
120Kb / 3P
   Compact DC-DC Converter, HALF BRICK which has been standard size for Telecommunication Market
logo
Vectron International, ...
C1379 VECTRON-C1379 Datasheet
32Kb / 3P
   Standard 4-Pin DIP Package (Half Size)
C5379 VECTRON-C5379 Datasheet
38Kb / 3P
   Standard 4-Pin DIP Package (Half Size)
logo
OSRAM GmbH
LTRBR8SF OSRAM-LTRBR8SF Datasheet
1Mb / 21P
   pachinko market
logo
EPCOS
EC75X EPCOS-EC75X Datasheet
86Kb / 4P
   Standard size
logo
List of Unclassifed Man...
S3528WH-EA ETC1-S3528WH-EA Datasheet
518Kb / 16P
   3528 Size Flash White Color SMD Type LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com