Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJT5050 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # MJT5050
Description  Acrich2 Modular Solutions Overview
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

MJT5050 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button MJT5050 Datasheet HTML 4Page - Seoul Semiconductor MJT5050 Datasheet HTML 5Page - Seoul Semiconductor MJT5050 Datasheet HTML 6Page - Seoul Semiconductor MJT5050 Datasheet HTML 7Page - Seoul Semiconductor MJT5050 Datasheet HTML 8Page - Seoul Semiconductor MJT5050 Datasheet HTML 9Page - Seoul Semiconductor MJT5050 Datasheet HTML 10Page - Seoul Semiconductor MJT5050 Datasheet HTML 11Page - Seoul Semiconductor MJT5050 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.seoulsemicon.com
Copyright ⓒ Seoul Semiconductor Co., Ltd.
PKG Center line
Foot Print(solder mask)
PKG Pad
PKG Body
Copper design within PKG electrode
Figure4. Recommended PCB footprint design for the MJT5050. In order to good performance for heat dissipation from the MJT5050 electrodes
to the PCB, it is best to extend the top copper layer of the PCB as much as possible.
PKG Center line
Foot Print(solder mask)
PKG Pad
PKG Body
2,6
1,8
0,6
0,4
※ Dimensions=mm
1. Component
1.6 PCB design guide for MJT5050
6


Similar Part No. - MJT5050

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
MJT-5050 SEOUL-MJT-5050 Datasheet
454Kb / 1P
   Technical Support using Acrich Kit
logo
American Accurate Compo...
MJTC-101GXM AAC-MJTC-101GXM Datasheet
64Kb / 1P
   Thin-Film Planar Multijunction Thermal Converters
MJTC-102GXM AAC-MJTC-102GXM Datasheet
64Kb / 1P
   Thin-Film Planar Multijunction Thermal Converters
MJTC-501GXM AAC-MJTC-501GXM Datasheet
64Kb / 1P
   Thin-Film Planar Multijunction Thermal Converters
logo
List of Unclassifed Man...
MJTP1122A ETC1-MJTP1122A Datasheet
595Kb / 4P
   MJTP SERIES ULTRA-MINIATURE TACT SWITCHES
More results

Similar Description - MJT5050

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
logo
Seoul Semiconductor
SMJD-2V16W2P3 SEOUL-SMJD-2V16W2P3 Datasheet
376Kb / 14P
   Acrich2 120V 17W Module
Rev. 00 Nov. 2012
logo
Roithner LaserTechnik G...
QL85H6S-A ROITHNER-QL85H6S-A Datasheet
242Kb / 5P
   OVERVIEW
QL78J6S-A ROITHNER-QL78J6S-A Datasheet
243Kb / 3P
   OVERVIEW
logo
Xilinx, Inc
XC3S1000-4FGG320I XILINX-XC3S1000-4FGG320I Datasheet
5Mb / 272P
   Architectural Overview
DS099 XILINX-DS099 Datasheet
5Mb / 217P
   Architectural Overview
logo
Seoul Semiconductor
SMJD-2V16W1P3 SEOUL-SMJD-2V16W1P3 Datasheet
634Kb / 20P
   Acrich2 - 120V 17W Downlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com