Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTT-MT Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # ZTT-MT
Description  This specification shall cover the characteristics of the ceramic resonator 6.01-13.00MHZ.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

ZTT-MT Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  ZTT-MT Datasheet HTML 1Page - Shoulder Electronics Limited. ZTT-MT Datasheet HTML 2Page - Shoulder Electronics Limited. ZTT-MT Datasheet HTML 3Page - Shoulder Electronics Limited. ZTT-MT Datasheet HTML 4Page - Shoulder Electronics Limited. ZTT-MT Datasheet HTML 5Page - Shoulder Electronics Limited. ZTT-MT Datasheet HTML 6Page - Shoulder Electronics Limited. ZTT-MT Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
320
mm
420mm
NO.
Name
Quantity
Inner package
1
Adhesive tape
1.2 m
Label
1
7.5 Inner Box Dimensions
150
NO.
Name
Quantity
Inner Box
1
RoHS Label
1
QC Label
1
Label
1
8.OTHER
8.1 Caution
8.1.1 Don’t apply excess mechanical stress to the component and terminals at soldering. Do not
use this product with bend.
8.1.2 Do not clean or wash the component for it is not hermetically sealed.
8.1.3 Do not use strong acidity flux,more than 0.2wt% chlorine content,in flow soldering.
8.1.4 Don’t be close to fire.
8.1.5 All kinds of re-flow soldering must not be applied on the component.
8.1.6 This specification mentions the quality of the component as a single unit. Please insure
the component is thoroughly evaluated in your application circuit
8.1.7 Expire date (Shelf life) of the products is 12 months after delivery under the conditions of
a sealed and an unopened package. Please use the products within six months after delivery. If
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 6


Similar Part No. - ZTT-MT

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ZTT-MT ILSI-ZTT-MT Datasheet
57Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
PETERMANN-TECHNIK
ZTT-MT PETERMANN-ZTT-MT Datasheet
803Kb / 3P
   THT ZTT SERIES CERAMIC RESONATORS
logo
ILSI America LLC
ZTT-MT-20.000 ILSI-ZTT-MT-20.000 Datasheet
46Kb / 2P
   2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
PETERMANN-TECHNIK
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
More results

Similar Description - ZTT-MT

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
ZTA-MT SHOULDER-ZTA-MT Datasheet
273Kb / 7P
   This specification shall cover the characteristics of the ceramic resonator 6.01-13.00MHZ.
ZTACS-MT SHOULDER-ZTACS-MT Datasheet
288Kb / 8P
   This specification shall cover the characteristics of the ceramic resonator 6.00-13.00MHZ.
ZTTCS-MT SHOULDER-ZTTCS-MT Datasheet
335Kb / 9P
   This specification shall cover the characteristics of the ceramic resonator 6.00-13.00MHZ.
ZTACV-MT SHOULDER-ZTACV-MT Datasheet
296Kb / 9P
   This specification shall cover the characteristics of the ceramic resonator 8.00-13.00MHZ.
ZTTCV-MT SHOULDER-ZTTCV-MT Datasheet
297Kb / 8P
   This specification shall cover the characteristics of the ceramic resonator 8.00-13.00MHZ.
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Shoulder Electronics Li...
ZTACC-MG SHOULDER-ZTACC-MG Datasheet
302Kb / 9P
   This specification shall cover the characteristics of the ceramic resonator 1.84-8.00MHZ.
ZTTCC-MG SHOULDER-ZTTCC-MG Datasheet
308Kb / 9P
   This specification shall cover the characteristics of the ceramic resonator 1.84-8.00MHZ
ZTT-MG SHOULDER-ZTT-MG Datasheet
246Kb / 7P
   This specification shall cover the characteristics of the ceramic resonator 1.84-6.00MHZ.
ZTT-MX SHOULDER-ZTT-MX Datasheet
283Kb / 7P
   This specification shall cover the characteristics of the ceramic resonator 13.01-50.00MHZ.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com