Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP06BKSZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # TMP06BKSZ-REEL7
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06BKSZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button TMP06BKSZ-REEL7 Datasheet HTML 3Page - Analog Devices TMP06BKSZ-REEL7 Datasheet HTML 4Page - Analog Devices TMP06BKSZ-REEL7 Datasheet HTML 5Page - Analog Devices TMP06BKSZ-REEL7 Datasheet HTML 6Page - Analog Devices TMP06BKSZ-REEL7 Datasheet HTML 7Page - Analog Devices TMP06BKSZ-REEL7 Datasheet HTML 8Page - Analog Devices TMP06BKSZ-REEL7 Datasheet HTML 9Page - Analog Devices TMP06BKSZ-REEL7 Datasheet HTML 10Page - Analog Devices TMP06BKSZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 7 of 28
TIMING CHARACTERISTICS
TA = TMIN to TMAX, VDD = 3.0 V to 5.5 V, unless otherwise noted.
Guaranteed by design and characterization, not production tested.
Table 3.
Parameter
Limit
Unit
Comments
TH
40
ms typ
PWM high time @ 25°C under nominal conversion rate
TL
76
ms typ
PWM low time @ 25°C under nominal conversion rate
t31
50
ns typ
TMP05 output rise time
t41
50
ns typ
TMP05 output fall time
t42
30
ns typ
TMP06 output fall time
t5
25
µs max
Daisy-chain start pulse width
1 Test load circuit is 100 pF to GND.
2 Test load circuit is 100 pF to GND, 10 kΩ to 5.5 V.
TH
TL
t4
90% 10%
t3
90%
10%
Figure 2. PWM Output Nominal Timing Diagram (25°C)
t5
START PULSE
Figure 3. Daisy-Chain Start Timing


Similar Part No. - TMP06BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results

Similar Description - TMP06BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com