Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM450EW Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # LTM450EW
Description  CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTM450EW Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  LTM450EW Datasheet HTML 1Page - Shoulder Electronics Limited. LTM450EW Datasheet HTML 2Page - Shoulder Electronics Limited. LTM450EW Datasheet HTML 3Page - Shoulder Electronics Limited. LTM450EW Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATIONS IN TABLE 1.
6-3
LOW TEMPERATURE EXPOSURE
SUBJECT THE
FILTER TO -20℃ FOR 96 HOURS.
THEN RELEASE THE
FILTER INTO THE ROOM CONDITIONS FOR 2 HOURS PRIOR
TO THE
MEASUREMENT.
IT SHALL
FULFILL
THE SPECIFICATIONS IN
TABLE 1.
6-4
TEMPERATURE CYCLING
SUBJECT
THE
FILTER
TO A LOW TEMPERATURE OF -20℃ FOR 30
MINUTES. FOLLOWSING BY A HIGH TEMPERATURE
OF +80℃ FOR 30
MINUTES. THEN RELEASE THE FILTER INTOTHE ROOM
CONDITIONS
FOR
2 HOURS PRIOR TO THE MESUREMENT. IT SHALL MEET THE
SPECIFICATIONS IN TABLE 1.
6-5
RESISTANCE
TO SOLDER HEAT
DIP THE FILTER TERMINALS NO
CLOSER
THAN
1.5mm
INTO THE
SOLDER BATH AT 260℃ ±10℃ FOR 10±1 SEC. THEN RELEASE THE
FILTER
INTO
THE
ROOM
CONDITIONS
FOR 2 HOURS. THE
FILTER SHALL MEET THE SPECIFICATIONS IN TABLE 1.
6-6
MECHANICAL SHOCK
DROP THE FILTER RANDOMLY ONTO THE
CONCRETE FLOOR FROM
THE
HEIGHT OF 30cm 3
TIMES.THE FILTER
SHALL FULFILL
THE
SPECIFICATIONS IN TABLE 1.
6-7
VIBRATION
SUBJECT THE FILTER TO THE
VIBRATION FOR 1 HOUR EACH IN X,Y
AND
Z AXES WITH THE
AMPLITUDE OF 1.5 mm AT 10 TO 55 Hz. THE
FILTER
SHALL
FULFILLTHE SPECIFICATIONS IN TABLE 1.
6-8
LEAD FATIGUE
6-8-1
PULLING TEST
WEIGHT
ALONG WITH THE DIRECTION OF LEAD WITHOUT AN
SHOCK 3 KG.
THE
FILTER SHALL SATISFY ALL THE INITIALL
CHARACTERISTICS.
6-8-2
BENDING TEST
LEAD
SHALL BE SUBJECT TO
WITHSTAND
AGAINST
90°
BENDING IN THE DERECTION OF THICKNESS. THIS OPERATION
SHALL BE
DONE
TOWARD
BOTH
DIRECTION. THE FILTER
SHALL SHOW NO EVIDENCE OF DAMAGE AND SHALL SATISFY
ALL THE INITIAL ELECTRICAL CHARACTERISTICS.
TABLE 1
ITEM
SPECIFICATION
CENTRE FREQUENCY(f。)
455
±1.0 KHz
BAND WIDTH(6 dB)
±3.0 KHz Min
SELECTIVITY(40dB)
±9.0 KHz Max
STOP BAND ATTENUATION
60.0 dB Min
RIPPLE
2.0 dB Max
INSERTION LOSS
6.0 dB Max
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 4


Similar Part No. - LTM450EW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTM450EW ETC-LTM450EW Datasheet
66Kb / 1P
   6 ELEMENT CERAMIC FILTER
logo
auris-GmbH
LTM450EW AURIS-LTM450EW Datasheet
128Kb / 1P
   Filter THT
logo
EUROQUARTZ limited
LTM450EW EUROQUARTZ-LTM450EW Datasheet
52Kb / 1P
   CERAMIC FILTER
logo
ECS, Inc.
LTM450EW ECS-LTM450EW Datasheet
282Kb / 1P
   6 ELEMENT CERAMIC FILTER
logo
Shoulder Electronics Li...
LTM450EW SHOULDER-LTM450EW Datasheet
96Kb / 2P
   CERAMIC FILTER
More results

Similar Description - LTM450EW

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
LTM-U SHOULDER-LTM-U Datasheet
110Kb / 4P
   CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
LTUC-455 SHOULDER-LTUC-455 Datasheet
186Kb / 7P
   TEMPERATURE COEFFICIENT OF CENTER FREQUENCY SHALL BE DEFINED AS THE AVERAGE OF THE CENTRAL FREQUECY.
logo
TE Connectivity Ltd
408-8581 TEC-408-8581 Datasheet
63Kb / 3P
   crimping chamber crimps the center contact onto the center conductor of the coaxial cable.
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
TE Connectivity Ltd
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
   Remove the four screws at the bottom of the light
108-1979 TEC-108-1979 Datasheet
266Kb / 5P
   Product shall be of the design, construction and physical dimensions specified on the applicable product drawing.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com