Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTWC455G Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # LTWC455G
Description  TEMPERATURE COEFFICIENT OF CENTER FREQUENCY SHALL BE DEFINED AS THE AVERAGE OF THE CENTRAL FREQUECY.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTWC455G Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  LTWC455G Datasheet HTML 1Page - Shoulder Electronics Limited. LTWC455G Datasheet HTML 2Page - Shoulder Electronics Limited. LTWC455G Datasheet HTML 3Page - Shoulder Electronics Limited. LTWC455G Datasheet HTML 4Page - Shoulder Electronics Limited. LTWC455G Datasheet HTML 5Page - Shoulder Electronics Limited. LTWC455G Datasheet HTML 6Page - Shoulder Electronics Limited. LTWC455G Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3. PART NUMBERING : LTUC455D
4. ELECTRONICAL SPECIFICATIONS
A. CENTRE FREQUENCY (f。)
:
455KHz±1.5KHz. MAX.
B. BAND WIDTH AT 6 dB
:
±10.0 KHz MIN.(TO 455KHz)
C. BAND WIDTH AT 40 dB
:
±20.0 KHz MAX.(TO 455KHz)
D. STOP BAND ATTENUATION
:
27 dB MIN.(AT f。±100KHz)
E.
RIPPLE
:
2.0 dB MAX.
F.
INSERTION LOSS
:
6.0 dB MAX (AT THE SMALLEST LOSS)
G. TEMPRATURE COEFFICIENT
OF CENTER FRENQUENCY
:
±50PPM/℃ Max.(-20 TO +80℃)
H. INPUT/OUTPUT IMPEDANCE
:
1.5K
Ω
NOTE :
A)
CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL
VALUE OF THE BAND WITH AT 6 dB
B)
TEMPERATURE
COEFFICIENT
OF
CENTER FREQUENCY
SHALL BE
DEFINED AS THE AVERAGE OF THE CENTRAL
FREQUECY.
5.
MEASUREMENT
A. ENVIRONMENTAL CONDITION
MEASUREMENT SHALL
BE
CARRIED OUT AT THE REFERENCE
TEMPERATURE OF 25℃
±2℃.
IT
SHALL
BE
POSSIBLY
DONE
AT 5℃TO 35℃UNLESS IT IS QUESTIONABLE.
B.
MEASURING CIRCUIT
#S.S.G.
(STANDARD SIGNAL GENERATION)
R.F.V.M.
(RADIO FREQUENCY VOLTAGE METER)
Rg+R1=R2=1.5 KΩ
C<=50 PF
6.
ENVIRONMENTAL CHARACTERISTICS
6-1
HIGH TEMPERATURE EXPOSURE
SUBJECT THE
FILTER TO +80℃ FOR 96 HOURS. THEN RELEASE THE
F ILTER
INTO THE
ROOM
CONDITIONS
FOR
1 TO 2 HOURS
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 4


Similar Part No. - LTWC455G

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
LTWC455G AEL-LTWC455G Datasheet
962Kb / 1P
   SMD Ceramic Filter
logo
Shenzhen Luguang Electr...
LTWC455G LUGUANG-LTWC455G Datasheet
224Kb / 4P
   Ceramic Filter
logo
Yuechung International ...
LTWC455G YIC-LTWC455G Datasheet
548Kb / 1P
   LTC - SMD Series of Ceramic Filter for Communication.
More results

Similar Description - LTWC455G

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
LTM-W SHOULDER-LTM-W Datasheet
110Kb / 4P
   CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
LTM-U SHOULDER-LTM-U Datasheet
110Kb / 4P
   CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
IXYS Corporation
IXA12IF1200PB IXYS-IXA12IF1200PB Datasheet
157Kb / 6P
   Easy paralleling due to the positive temperature coefficient of the on-state voltage
IXA27IF1200HJ IXYS-IXA27IF1200HJ Datasheet
134Kb / 6P
   Easy paralleling due to the positive temperature coefficient of the on-state voltage
logo
TE Connectivity Ltd
408-8581 TEC-408-8581 Datasheet
63Kb / 3P
   crimping chamber crimps the center contact onto the center conductor of the coaxial cable.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y601 AVAGO-HLMP-Y601 Datasheet
70Kb / 3P
   The junction temperature of the device determines
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
List of Unclassifed Man...
NV156QUM-N72 ETC2-NV156QUM-N72 Datasheet
964Kb / 33P
   THIS SPECIFICATION IS THE PROPERTY OF BOE BJ AND SHALL NOT BE
logo
TE Connectivity Ltd
108-1979 TEC-108-1979 Datasheet
266Kb / 5P
   Product shall be of the design, construction and physical dimensions specified on the applicable product drawing.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com