Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD0603 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # SMD0603
Description  High precision characteristic covering up to high frequency range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

SMD0603 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  SMD0603 Datasheet HTML 1Page - Shoulder Electronics Limited. SMD0603 Datasheet HTML 2Page - Shoulder Electronics Limited. SMD0603 Datasheet HTML 3Page - Shoulder Electronics Limited. SMD0603 Datasheet HTML 4Page - Shoulder Electronics Limited. SMD0603 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4.11
Soldering
Profile
Reflow
temperature:
Solder with lead:
240℃+/-5
Solder
without
lead:260℃+/-5
5. Package
A
B
C
D
E
F
G
H
J
4.0 ± 0.1
2.0 ± 0.1
ø1.5 +0.1
-0
5.5±0.1
1.75±0.1
5.4 ± 0.1
3.5 ± 0.1
8.0 ± 0.1
ø1.5 +0.1
-0
K
L
M
N
P
Q
R
Quantity
SMD
0603
12.0±0.2
1.4 ± 0.1
0.3±0.05
ø180 +0
-3
ø60 +1
-0
13.0±0.3
16.5 max
1000
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 5


Similar Part No. - SMD0603

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMD0603 LITTELFUSE-SMD0603 Datasheet
78Kb / 1P
   These devices offer wide range in hold currents
logo
List of Unclassifed Man...
SMD0603 ETC2-SMD0603 Datasheet
163Kb / 5P
   CRYSTAL
logo
Diodes Incorporated
SMD0603 DIODES-SMD0603 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
logo
PETERMANN-TECHNIK
SMD0603 PETERMANN-SMD0603 Datasheet
104Kb / 3P
   CHEAPEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
logo
HuaXinAn Electronics CO...
SMD0603 HUAXINAN-SMD0603 Datasheet
373Kb / 6P
   Resettable Fuse PTC SMD0603 Series
More results

Similar Description - SMD0603

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
7B-SERIES TXC-7B-SERIES Datasheet
1,010Kb / 1P
   High precision characteristics covering up to wide frequency range.
logo
Advanced Crystal Techno...
ACTSPXO08 ACT-ACTSPXO08 Datasheet
58Kb / 1P
   Wide Frequency Range up to 160MHz
17/08/04
logo
EUROQUARTZ limited
UM-1 EUROQUARTZ-UM-1 Datasheet
85Kb / 1P
   Frequency range 1.0MHz to 200MHz High-precision crystal ideal for telecoms applications
logo
Token Electronics Indus...
UAR TOKEN-UAR Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
logo
TXC Corporation.
OZ-SERIES TXC-OZ-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
logo
API Delevan
BXHF1198 API-BXHF1198 Datasheet
1,011Kb / 3P
   High Frequency Microwave Amplifier Frequency Range: 8 to 12 GHz
logo
TXC Corporation.
8Z-SERIES TXC-8Z-SERIES Datasheet
973Kb / 1P
   High precision and high frequency stability.
logo
Pasternack Enterprises,...
PE6091 PASTERNACK-PE6091 Datasheet
84Kb / 1P
   TNC FEMALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18GHz
logo
Pulse A Technitrol Comp...
PE-53653NLT PULSE-PE-53653NLT Datasheet
181Kb / 2P
   Fifteen package sizes, Current Rating: up to 23.8ADC, Frequency Range: up to 1MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com