Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF86835MS7 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF86835MS7
Description  Ceramic package QCC8C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF86835MS7 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF86835MS7 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF86835MS7 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF86835MS7 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF86835MS7 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF86835MS7 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF86835MS7 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF86835MS7 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF86835MS7 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SAW FILTER
HDF868.35M S-5
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 8
3.2Electrical Characteristics
Characteristic
Sym
Min.
Typical
Max.
Units
Center Frequency (+25℃)
fc
868.35
MHz
Insertion Loss
IL
4.5
6.0
dB
3dB Bandwidth
BW3
1.2
1.5
MHz
Passband Ripple
±1.0
dB
Turnover Temperature
T0
15
25
40
Turnover Frequency
fo
fc
MHz
Temperature
Stability
Frequency Temperature
Coefficient
FTC
0.032
ppm/℃
2
Frequency Aging
Absolute Value during the First Year
|fA|
<±10
ppm/yr
at fc-21.4MHz(Image)
30
40
at fc-10.7MHz(LO)
15
30
Rejection
Ultimate
60
dB
4.Test Circuit
Cp1=Cp4=6.8pF; Ls2=Ls3=4.7nH


Similar Part No. - HDF86835MS7

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF86835AS6 SHOULDER-HDF86835AS6 Datasheet
168Kb / 8P
   Low-Loss SAW Filter of cordless system.
More results

Similar Description - HDF86835MS7

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF43396MS3 SHOULDER-HDF43396MS3 Datasheet
213Kb / 9P
   Ceramic package QCC8C
logo
EPCOS
R2706 EPCOS-R2706 Datasheet
44Kb / 4P
   SMD Ceramic package QCC8C
logo
OSRAM GmbH
LUWCEUN.CE-7K6L-HNJN-1 OSRAM-LUWCEUN.CE-7K6L-HNJN-1 Datasheet
764Kb / 23P
   Ceramic package
KW-CSLPM2.PC OSRAM-KW-CSLPM2.PC Datasheet
836Kb / 25P
   Ceramic package
LUWCEUP.HD-7M6N-U1U3-8E8G OSRAM-LUWCEUP.HD-7M6N-U1U3-8E8G Datasheet
767Kb / 23P
   Ceramic package
LUWCEUP.CE-5M8M-HNJN-1 OSRAM-LUWCEUP.CE-5M8M-HNJN-1 Datasheet
776Kb / 23P
   Ceramic package
LUW-CEUN.CE OSRAM-LUW-CEUN.CE Datasheet
764Kb / 23P
   Ceramic package
LUW-CEUP.CE OSRAM-LUW-CEUP.CE Datasheet
805Kb / 23P
   Ceramic package
CUWCFUP OSRAM-CUWCFUP Datasheet
1Mb / 22P
   Ceramic package
CUW-CFUP OSRAM-CUW-CFUP Datasheet
1Mb / 22P
   Ceramic package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com