Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF8683A1S4 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF8683A1S4
Description  Low-Loss SAW Filter of cordless system.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF8683A1S4 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF8683A1S4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF8683A1S4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF8683A1S4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF8683A1S4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF8683A1S4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF8683A1S4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF8683A1S4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF8683A1S4 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF8683A1S4 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SAW FILTER
HDF868.3A1
S4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 9
1. Package Dimension
2. Marking:HDF4861
HD: Brand
F : Filter
4 : SMD-4
861 : No.
3. Performance
3.1Application
Low-Loss SAW Filter of cordless system.
Center Frequency:868.3 MHz


Similar Part No. - HDF8683A1S4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF86835AS6 SHOULDER-HDF86835AS6 Datasheet
168Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF86835MS7 SHOULDER-HDF86835MS7 Datasheet
178Kb / 8P
   Ceramic package QCC8C
More results

Similar Description - HDF8683A1S4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF674AS4 SHOULDER-HDF674AS4 Datasheet
208Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF767ANS6 SHOULDER-HDF767ANS6 Datasheet
223Kb / 9P
   Low-Loss SAW Filter of cordless system.
HDF897E3S6 SHOULDER-HDF897E3S6 Datasheet
222Kb / 9P
   Low-Loss SAW Filter of cordless system
HDF860CS6 SHOULDER-HDF860CS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system
HDF921A2S4 SHOULDER-HDF921A2S4 Datasheet
164Kb / 8P
   Low-Loss SAW Filter of cordless system
HDF682AS4 SHOULDER-HDF682AS4 Datasheet
189Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF746AS4 SHOULDER-HDF746AS4 Datasheet
160Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF802ANS3 SHOULDER-HDF802ANS3 Datasheet
161Kb / 7P
   Low-Loss SAW Filter of cordless system.
HDF806CS6 SHOULDER-HDF806CS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF86835AS6 SHOULDER-HDF86835AS6 Datasheet
168Kb / 8P
   Low-Loss SAW Filter of cordless system.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com