Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAB0402001 Datasheet(PDF) 3 Page - Power System Technology

Part # FAB0402001
Description  Industrial
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0402001 Datasheet(HTML) 3 Page - Power System Technology

  FAB0402001 Datasheet HTML 1Page - Power System Technology FAB0402001 Datasheet HTML 2Page - Power System Technology FAB0402001 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MECHANICALS
PIN
4
8
6
DESCRIPTION
OUPUT
DIN 41612 H15
10
12
14
16
18
20
28
32
+ 5V
+ 5V
0V
0V
+ 12V
Com
Com
- 12V
Inhibit
Input -
Earth
30
Input +
FAB0402001
3/3


Similar Part No. - FAB0402001

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
   Naval defence
FAB0401002 PST-FAB0401002 Datasheet
232Kb / 3P
   Vehicule, industrial and high temperature application. Very low profile
FAB0403012 PST-FAB0403012 Datasheet
211Kb / 3P
   Naval
FAB0404010 PST-FAB0404010 Datasheet
213Kb / 3P
   Railways and industrial applications
More results

Similar Description - FAB0402001

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST09 PST-PST09 Datasheet
251Kb / 4P
   Industrial
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
   INDUSTRIAL
logo
Cherry Semiconductor Co...
G81-7040LUVEU-0 CHERRY-G81-7040LUVEU-0 Datasheet
154Kb / 2P
   INDUSTRIAL
logo
Red Lion Controls. Inc
VT-UIPM-431-H REDLION-VT-UIPM-431-H Datasheet
492Kb / 2P
   Industrial RTU
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
   Industrial / Medical
PST06 PST-PST06 Datasheet
285Kb / 4P
   Industrial / Transportation
PST20 PST-PST20 Datasheet
221Kb / 3P
   Industrial applications
logo
Analog Devices
HMC1040LP3CE AD-HMC1040LP3CE Datasheet
583Kb / 6P
   Industrial Sensors
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com