Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH9385.034NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PH9385.034NL
Description  Isolation Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PH9385.034NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PH9385.034NL Datasheet HTML 1Page - Pulse A Technitrol Company PH9385.034NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P766.D (02/16)
1
pulseelectronics.com
Isolation Power Transformers
Toroid Platform SMD
Push Pull Converter Transformer
Designed to provide isolated power for RS-485, CAN,
ModBus transceiver and other communication interfaces
Patent Pending Sidecar Construction
IEC 60950 and 61558 basic insulation compliant, 12mm
creepage
4KVrms isolation, 600Vrms rated
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
(1-4)
(
µH ±35%)
Leakage Inductance
(1-4) with
(5-8) shorted
(
µH MAX)
Capacitance
(1, 4) to (5, 8)
(pF MAX)
DCR (1-4)
(
Ω MAX)
DCR (5-8)
(
Ω MAX)
MAX (1-4)
(V-
µsec Max)
Turns Ratio
(1:4) (8:5)
Isolated Voltage
(Vrms)
PH9385.011NL
3200
6.0
36
1.10
1.00
109
1CT : 1CT
PH9385.045NL
3200
4.0
36
1.10
1.25
109
4CT : 5CT
PH9385.034NL
2600
3.0
36
1.00
1.50
98
3CT : 4CT
PH9385.012NL
2600
3.0
40
1.00
1.90
98
1CT : 2CT
PH9385.038NL
2600
3.0
40
1.00
2.20
98
3CT : 8CT
PH9385.013NL
2600
3.0
40
1.00
2.75
98
1CT : 3CT
PH9385.027NL
2600
3.0
40
1.00
3.00
98
2CT : 7CT
PH9385.015NL
1350
3.0
30
0.80
3.20
70
1CT :5CT
Notes:
1. Pins 1-4 (connect 2 & 3), Pins 8-5 (connect 6 & 7)
1. The maximum volt-usec rating limits the peak flux density to 3600 gauss when used in
bi-polar drive application with 200KHz. For unipolar drive applications or a bi-polar drive
with 350kHz, a maximum volt-usec could be 60% of the listed value. For Push-Pull top-
ology, where the voltage is applied across half the primary winding turns, the maximum
volts-use needs to be derated by 50%.
3. Optional Tape & Reel packing can be ordered by adding a “
T” suffix to the part
number (i.e. PH9385.011NL becomes PH9385.011NL
T). Pulse complies to industry
standard tape and reel specification EIA481.
4. The “NL” suffix indicates an RoHS-compliant part number.
5. The temperature of the component (ambient plus temperature rise) must be
within the stated operating temperature range.
PH9385.0XXNL
Mechanical
Schematic
2
4
7
PIN 1 ID
6
6
7
23
14
85
.600
[15.25]
6X.148
[3.75]
.006[0.15] MIN
.630 MAX
[16 MAX]
.591±.012
[15.00±0.30]
(.030)
[0.75]
6X.148±.010
[3.75±0.25]
.295 MAX
[7.5 MAX]
8 SURFACES
.005[0.13]
.079
[2.00]
.079
[2.00]
.669 MAX
[17 MAX]
PH9385.0xxNL
DATE CODE ORIGIN
PAT. PEND.
Weight .............................2.5/grams
Tape & Reel ........................300/reel
Tray ......................................80/tray
Dimensions:
Unless otherwise specified,
all tolerances are
±
Inches
mm
.010
0,25
4000
2
1
4
6
8
5
3
7


Similar Part No. - PH9385.034NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PH9385.034NL PULSE-PH9385.034NL Datasheet
509Kb / 2P
   Isolation Power Transformers
More results

Similar Description - PH9385.034NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PH9384.XXXNL PULSE-PH9384.XXXNL Datasheet
620Kb / 2P
   Isolation Power Transformers
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
   Isolation Power Transformers
PH9085.XXXNL PULSE-PH9085.XXXNL Datasheet
322Kb / 2P
   Isolation Power Transformers
PH9084.011NL PULSE-PH9084.011NL Datasheet
399Kb / 2P
   Isolation Power Transformers
PH9385.XXXNLT PULSE-PH9385.XXXNLT Datasheet
509Kb / 2P
   Isolation Power Transformers
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
   High Isolation Power Transformers
PH9184.011NL PULSE-PH9184.011NL Datasheet
391Kb / 2P
   High Isolation Power Transformers
PH9185.XXXNL PULSE-PH9185.XXXNL Datasheet
443Kb / 2P
   High Isolation Power Transformers
logo
Coilcraft lnc.
CR7983 COILCRAFT-CR7983 Datasheet
320Kb / 1P
   Isolation Transformers
PA6547 COILCRAFT-PA6547_15 Datasheet
315Kb / 1P
   Isolation Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com