Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4306.102NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA4306.102NLT
Description  Unshielded Drum Core Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4306.102NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA4306.102NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4306.102NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4306.102NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4306.102NLT Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P756.B (08/15)
2
pulseelectronics.com
Unshielded Drum Core Inductor
PA4306.XXXNL, PA4307.XXXNL & PA4308.XXXNL Series
Pulse Jack
E l e c t r o n i c s
Electrical Specifications @ 25°C — Operating Temperature -40°C to 125°C
1,2
3
Pulse Part Number
Inductance (uH)
Rated Current (A) Max
DC Resistance (m
Ω) Max
Package Size (mm)
PA4307.102NLT
1.0
7.5
30
PA4307.152NLT
1.5
7.3
38
PA4307.222NLT
2.2
6.8
42
PA4307.332NLT
3.3
5.4
60
PA4307.472NLT
4.7
4.6
70
PA4307.562NLT
5.6
4
85
PA4307.682NLT
6.8
3.8
95
PA4307.822NLT
8.2
3.4
130
PA4307.103NLT
10
2.8
140
PA4307.153NLT
15
2.5
285
PA4307.223NLT
22
2
345
PA4307.333NLT
33
1.8
425
PA4307.473NLT
47
1.5
587
PA4307.563NLT
56
1.3
610
PA4307.683NLT
68
1.2
850
7.3 x 7.3 x 3.5mm Max
PA4307.823NLT
82
1.1
1066
PA4307.104NLT
100
1
1243
PA4307.124NLT
120
0.9
1620
PA4307.154NLT
150
0.8
1755
PA4307.184NLT
180
0.75
2025
PA4307.224NLT
220
0.63
2700
PA4307.274NLT
270
0.6
2835
PA4307.334NLT
330
0.55
3780
PA4307.394NLT
390
0.5
4825
PA4307.474NLT
470
0.44
5400
PA4307.564NLT
560
0.4
7290
PA4307.684NLT
680
0.35
9585
PA4307.824NLT
820
0.32
10820
PA4307.105NLT
1000
0.3
12295


Similar Part No. - PA4306.102NLT

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PA4306 POWEREX-PA4306 Datasheet
103Kb / 5P
   POW-R-BLOK AC Switch SCR Isolated Module (1330 Amps RMS, Up to 2400 Volts)
logo
Pulse A Technitrol Comp...
PA4306 PULSE-PA4306 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
More results

Similar Description - PA4306.102NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
   Unshielded Drum Core Inductor
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
   Unshielded Drum Core
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
   Unshielded Drum Core ??PG0016NL Series
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
   Unshielded Drum Core - PF0580NL Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com