Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0465 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0465
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0465 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0465 Datasheet HTML 1Page - Pulse A Technitrol Company PF0465 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
Inductance
Inductance
Saturation
6
Heating
7
Core Loss
8
Part 2,3
@ 0ADC
@ Irated
Irated 5
DCR (m
Ω
Ω)
Current
Current
Factor
SRF
Number
(uH ±20%)
Typical
(ADC)
(MAX)
-30% (A)
+30°C (A)
(K2)
(MHz)
P1174.102NL
1.0
0.7
3
13
3
3.0
1600
>40
P1174.152NL
1.5
1.0
2.0
15
2.0
2.8
1900
>40
P1174.222NL
2.2
1.6
1.7
18
1.7
1.8
2300
>40
P1174.332NL
3.3
2.3
1.3
21
1.3
1.6
3400
>40
P1174.472NL
4.7
3.4
1.0
30
1.0
1.4
4100
>40
P1174.682NL
6.8
4.8
0.90
51
0.90
1.2
4500
34
P1174.103NL
10
7.2
0.80
73
0.80
1.0
5400
31
P1174.153NL
15
14
0.60
90
0.60
0.8
6300
25
P1174.223NL
22
18
0.50
120
0.50
0.7
8000
20
P1174.333NL
33
26
0.40
188
0.40
0.6
10000
16
P1174.473NL
47
32
0.35
230
0.35
0.5
11000
14
P1174.683NL
68
45
0.32
370
0.32
0.4
14000
11
P1174.104NL
100
74
0.28
470
0.28
0.3
17000
9.0
P1174.154NL
150
109
0.22
620
0.22
0.26
21000
8.0
P1174.224NL
220
161
0.15
950
0.15
0.22
26000
6.0
P1174.334NL
330
208
0.14
1340
0.14
0.20
32000
5.0
P1174.474NL
470
350
0.13
1800
0.13
0.19
39000
3.9
P1174.604NL
600
412
0.12
2550
0.12
0.18
43000
3.7
P1174.684NL
680
500
0.10
2650
0.10
0.17
47000
3.6
P1174.105NL
1000
744
0.07
4000
0.07
0.15
57000
2.6
P1174.335NL
3300
2300
0.065
11000
0.065
0.09
99000
1.6
P1174.505NL
5000
4900
0.05
18500
0.05
0.05
130000
1.2
NOTES FROM TABLE: (See page 43)
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
31
SPM2007 (11/07)
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
TAPE & REEL LAYOUT
.630
16,00
.315
8,00
USER DIRECTION OF FEED
.138
3,50
.285
7,25
SMT POWER INDUCTORS
Shielded Drum Core - P1174NL Series
.265 MAX
6,73
.175 MAX
4,45
XXX
SUGGESTED PAD LAYOUT
.039
0,98
.180
4,57
.075
1,91
.110 MAX
2,79
1
2
Mechanical
Weight . . . . . . . . 0.1 grams
Tape & Reel . . . . . 2500/reel
Schematic
TYPICAL INDUCTANCE VS. DC BIAS
0.1
1.0
10.0
100.0
1000.0
CURRENT (A)
P1174.105
P1174.104
P1174.103
P1174.102
Height: 2.8mm Max
Footprint: 6.7mm x 4.5mm Max
Current Rating: up to 3.0A
Inductance Range: 1µH to 5000µH


Similar Part No. - PF0465

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0465 PULSE-PF0465 Datasheet
190Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1168NL/P1169NL Series
PF0465 PULSE-PF0465 Datasheet
490Kb / 3P
   SMT Power Inductors
02/19
PF0465 PULSE-PF0465 Datasheet
213Kb / 2P
   SMT POWER INDUCTORS
PF0465 PULSE-PF0465 Datasheet
190Kb / 2P
   Shielded Drum Core
PF0465 PULSE-PF0465 Datasheet
213Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - PF0465

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com