Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1168.242NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P1168.242NL
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P1168.242NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P1168.242NL Datasheet HTML 1Page - Pulse A Technitrol Company P1168.242NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
37
SPM2007 (11/07)
SMT POWER INDUCTORS
Shielded Drum Core - P1168NL/P1169NL Series
.079
2,00
SUGGESTED PAD LAYOUT
.472
12,00
.315
8,00
.315
8,00
.118
3,00
.134
3,40
.075
1,91
1
2
SUGGESTED PAD LAYOUT
.039
1,00
.472
12,00
.315
8,00
.177
4,50
.039
1,00
.366
9,30
.315
8,00
.197
5,00
1
2
.075
1,91
P1168
P1169
P1168/P1169
1
2
XXX
.482
12,24
MAX
.482
12,24
MAX
MAX
1
2
.228
5,80
.492
12,50
.787
20,00
.945
24,00
TAPE & REEL LAYOUT
Mechanical
Schematic:
Weight . . . . . . . . 2.5 grams
Tape & Reel . . . . . . 500/reel
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Part 2,3
Inductance
Inductance
Irated 5
DCR (m
Ω
Ω)
Saturation
6
Heating
7
Core Loss
8
SRF
Numbers
@0A DC
@Irated
(A DC)
Current
Current
Factor
(MHz)
(
μH)
(
μH) MIN
TYP
MAX
-25% (A)
+40°C(A)
(K2)
P1168.501NL
P1169.501NL
0.5 *
0.32
14
1.9
2.3
18
14
100
>40
P1168.102NL
P1169.102NL
1.0 *
0.65
11
3.0
3.7
14
11
150
>40
P1168.162NL
P1169.162NL
1.6 *
1.0
8.5
5.4
6.3
10
8.5
180
>40
P1168.242NL
P1169.242NL
2.4 *
1.6
7.5
6.9
8.1
8.1
7.5
220
>40
P1168.332NL
P1169.332NL
3.3 *
2.2
6.4
9.5
11
7.3
6.4
260
>40
P1168.452NL
P1169.452NL
4.5 *
2.9
6.0
11
13
6.4
6.0
310
35
P1168.562NL
P1169.562NL
5.6 *
3.6
5.5
13
15
5.7
5.5
340
30
P1168.682NL
P1169.682NL
6.8 *
4.4
4.6
18
22
5.2
4.6
370
27
P1168.103NL
P1169.103NL
10
7.5
3.6
29
35
4.1
3.6
440
21
P1168.123NL
P1169.123NL
12
9.0
3.5
32
37
3.8
3.5
490
19
P1168.153NL
P1169.153NL
15
11.3
3.1
40
47
3.3
3.1
570
17
P1168.183NL
P1169.183NL
18
13.5
2.8
48
58
2.9
2.8
590
15
P1168.223NL
P1169.223NL
22
16.5
2.6
55
67
2.7
2.6
640
13
P1168.273NL
P1169.273NL
27
20.3
2.4
67
79
2.4
2.4
740
12
P1168.333NL
P1169.333NL
33
24.8
2.2
76
94
2.2
2.2
820
11
P1168.393NL
P1169.393NL
39
29.3
1.9
101
126
2.0
1.9
880
10
P1168.473NL
P1169.473NL
47
35.3
1.8
112
140
1.9
1.8
980
9.0
P1168.563NL
P1169.563NL
56
42.0
1.7
129
157
1.7
1.7
1000
8.0
P1168.683NL
P1169.683NL
68
51.0
1.5
169
202
1.5
1.6
1200
7.0
P1168.823NL
P1169.823NL
82
61.5
1.4
191
232
1.4
1.5
1300
6.0
P1168.104NL
P1169.104NL
100
75.0
1.2
222
270
1.2
1.4
1400
6.0
P1168.124NL
P1169.124NL
120
90.0
1.1
252
316
1.1
1.3
1500
5.5
P1168.154NL
P1169.154NL
150
113
1.0
346
456
1.0
1.1
1700
4.9
P1168.184NL
P1169.184NL
180
135
0.90
385
497
0.90
1.1
1900
4.4
P1168.224NL
P1169.224NL
220
165
0.80
506
681
0.80
0.93
2100
3.7
P1168.274NL
P1169.274NL
270
203
0.70
596
775
0.70
0.85
2300
3.3
P1168.334NL
P1169.334NL
330
248
0.66
764
955
0.66
0.75
2600
2.8
P1168.394NL
P1169.394NL
390
293
0.62
870
1087
0.62
0.71
2800
2.6
P1168.474NL
P1169.474NL
470
353
0.57
1150
1403
0.57
0.61
3100
2.4
P1168.564NL
P1169.564NL
560
420
0.53
1283
1623
0.53
0.58
3300
2.2
P1168.684NL
P1169.684NL
680
510
0.50
1493
1824
0.50
0.54
3700
2.1
P1168.824NL
P1169.824NL
820
615
0.44
1924
2355
0.44
0.47
4000
1.7
P1168.105NL
P1169.105NL
1000
750
0.40
2174
2850
0.40
0.45
4500
1.5
* Inductance at 0A DC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts.
NOTES FROM TABLE: (See page 43)
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
Height: 4.5mm Max
Footprint: 12.2mm x 12.2mm Max
Current Rating: up to 14A
Inductance Range: .32µH to 750µH


Similar Part No. - P1168.242NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1168.242NL PULSE-P1168.242NL Datasheet
213Kb / 2P
   Shielded Drum Core
More results

Similar Description - P1168.242NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com