Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41859C7337M Datasheet(PDF) 6 Page - TDK Electronics

Part # B41859C7337M
Description  Aluminum electrolytic capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41859C7337M Datasheet(HTML) 6 Page - TDK Electronics

Back Button B41859C7337M Datasheet HTML 2Page - TDK Electronics B41859C7337M Datasheet HTML 3Page - TDK Electronics B41859C7337M Datasheet HTML 4Page - TDK Electronics B41859C7337M Datasheet HTML 5Page - TDK Electronics B41859C7337M Datasheet HTML 6Page - TDK Electronics B41859C7337M Datasheet HTML 7Page - TDK Electronics B41859C7337M Datasheet HTML 8Page - TDK Electronics B41859C7337M Datasheet HTML 9Page - TDK Electronics B41859C7337M Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Zmax
100 kHz
10
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for d
× l = 10 × 20 mm ... 18 × 40 mm, excluding 12.5 × 30/35/40 mm)
002 = for cut leads, bulk (for
∅ 10 ... 18 mm, excluding d × l = 12.5 × 30/35/40 mm)
003 = for crimped leads, blister (for
∅ 16 ... 18 mm)
004 = for J leads, blister (for
∅ 10 ... 18 mm, excluding d × l = 12.5 × 30/35/40 and 18 × 40 mm)
006 = for taped leads, Ammo pack, lead spacing F = 3.5 mm (for
∅ 8 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (for d
× l = 8 × 11.5 ... 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for d
× l = 16 × 20 ... 16 × 31.5 mm and
18
× 20 ... 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 ... 18 mm)
VR = 16 V DC
270
8
× 11.5
0.190
0.056
945
B41859C4277M***
330
8
× 11.5
0.190
0.056
945
B41859C4337M***
470
10
× 12.5
0.140
0.039
1330
B41859C4477M***
560
10
× 16
0.100
0.028
1760
B41859C4567M***
680
10
× 16
0.100
0.028
1760
B41859C4687M***
1000
10
× 20
0.060
0.020
1960
B41859C4108M***
1200
10
× 20
0.060
0.020
1960
B41859C4128M***
1500
12.5
× 20
0.043
0.017
2480
B41859C4158M***
1800
12.5
× 25
0.038
0.015
2900
B41859C4188M***
2200
12.5
× 25
0.038
0.015
2900
B41859C4228M***
2700
16
× 20
0.038
0.015
3250
B41859C4278M***
3300
16
× 25
0.035
0.013
3630
B41859C4338M***
VR = 25 V DC
180
8
× 11.5
0.190
0.056
945
B41859C5187M***
220
8
× 11.5
0.190
0.056
945
B41859C5227M***
270
10
× 12.5
0.140
0.039
1330
B41859C5277M***
330
10
× 12.5
0.140
0.039
1330
B41859C5337M***
470
10
× 16
0.100
0.028
1760
B41859C5477M***
560
10
× 16
0.100
0.028
1760
B41859C5567M***
680
10
× 20
0.060
0.020
1960
B41859C5687M***
820
10
× 20
0.060
0.020
1960
B41859C5827M***
1000
12.5
× 20
0.043
0.017
2480
B41859C5108M***
1500
12.5
× 25
0.038
0.015
2900
B41859C5158M***
1800
16
× 20
0.038
0.015
3250
B41859C5188M***
2200
16
× 25
0.035
0.013
3630
B41859C5228M***
B41859
Very low impedance
105
°C
Page 6 of 28
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41859C7337M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41859C7337M000 TDK-B41859C7337M000 Datasheet
48Kb / 2P
   Single Ended (Radial) Capacitors
B41859C7337M002 TDK-B41859C7337M002 Datasheet
48Kb / 2P
   Single Ended (Radial) Capacitors
B41859C7337M004 TDK-B41859C7337M004 Datasheet
48Kb / 2P
   Single Ended (Radial) Capacitors
B41859C7337M008 TDK-B41859C7337M008 Datasheet
48Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41859C7337M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com