Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANT1818B00AT1575S Datasheet(PDF) 5 Page - YAGEO Corporation

Part # ANT1818B00AT1575S
Description  Ceramic Patch Antenna
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT1818B00AT1575S Datasheet(HTML) 5 Page - YAGEO Corporation

  ANT1818B00AT1575S Datasheet HTML 1Page - YAGEO Corporation ANT1818B00AT1575S Datasheet HTML 2Page - YAGEO Corporation ANT1818B00AT1575S Datasheet HTML 3Page - YAGEO Corporation ANT1818B00AT1575S Datasheet HTML 4Page - YAGEO Corporation ANT1818B00AT1575S Datasheet HTML 5Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.yageo.com
May. 13, 2015 V0
WIRELESS COMPONENTS
5
5
Product specification
Ceramic Patch Antenna
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 0
May 11, 2015
-
- New data sheet for Patch antenna, SMD Feed
size 18 ×18 ×2 mm


Similar Part No. - ANT1818B00AT1575S

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT1818B00BT1516S YAGEO-ANT1818B00BT1516S Datasheet
640Kb / 6P
   Ceramic Patch Antenna
ANT1818B00BT1575S YAGEO-ANT1818B00BT1575S Datasheet
532Kb / 6P
   WIRELESS COMPONENTS
ANT1818B00CT1575S YAGEO-ANT1818B00CT1575S Datasheet
583Kb / 6P
   High radiation efficiency
ANT1818B00DT1516S YAGEO-ANT1818B00DT1516S Datasheet
524Kb / 6P
   Ceramic Patch Antenna
ANT1818B00DT1575S YAGEO-ANT1818B00DT1575S Datasheet
623Kb / 7P
   WIRELESS COMPONENTS
More results

Similar Description - ANT1818B00AT1575S

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT2525B00FT1575S YAGEO-ANT2525B00FT1575S Datasheet
557Kb / 6P
   Ceramic Patch Antenna
ANT1818B00DT1516S YAGEO-ANT1818B00DT1516S Datasheet
524Kb / 6P
   Ceramic Patch Antenna
ANT2525B00FTGNSSS YAGEO-ANT2525B00FTGNSSS Datasheet
618Kb / 6P
   Ceramic Patch Antenna
logo
Vanlong Technology Co.,...
PA1580S25XA VANLONG-PA1580S25XA Datasheet
47Kb / 1P
   Ceramic Patch Antenna
logo
YAGEO Corporation
ANT2525B00ET1575S YAGEO-ANT2525B00ET1575S Datasheet
544Kb / 6P
   Ceramic Patch Antenna
ANT1818B00BT1516S YAGEO-ANT1818B00BT1516S Datasheet
640Kb / 6P
   Ceramic Patch Antenna
ANT2525B00BT1516S YAGEO-ANT2525B00BT1516S Datasheet
529Kb / 6P
   Ceramic Patch Antenna
ANT1515B00FT1575S YAGEO-ANT1515B00FT1575S Datasheet
504Kb / 6P
   Ceramic Patch Antenna
ANT2525B00BT1575S YAGEO-ANT2525B00BT1575S Datasheet
631Kb / 6P
   Ceramic Patch Antenna
ANT2525B00DT1516S YAGEO-ANT2525B00DT1516S Datasheet
556Kb / 6P
   Ceramic Patch Antenna
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com