Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41858C3687M Datasheet(PDF) 8 Page - TDK Electronics

Part # B41858C3687M
Description  Aluminum electrolytic capacitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41858C3687M Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41858C3687M Datasheet HTML 4Page - TDK Electronics B41858C3687M Datasheet HTML 5Page - TDK Electronics B41858C3687M Datasheet HTML 6Page - TDK Electronics B41858C3687M Datasheet HTML 7Page - TDK Electronics B41858C3687M Datasheet HTML 8Page - TDK Electronics B41858C3687M Datasheet HTML 9Page - TDK Electronics B41858C3687M Datasheet HTML 10Page - TDK Electronics B41858C3687M Datasheet HTML 11Page - TDK Electronics B41858C3687M Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for d
× l = 10 × 20 mm ... 18 × 40 mm, excluding 12.5 × 30/40 mm)
002 = for cut leads, bulk (for
∅ 10 ... 18 mm, excluding d × l = 12.5 × 30/40 mm)
003 = for crimped leads, blister (for
∅ 16 ... 18 mm)
004 = for J leads, blister (for
∅ 10 ... 18 mm, excluding d × l = 12.5 × 30/40 and 18 × 40 mm)
006 = for taped leads, Ammo pack, lead spacing F = 3.5 mm (for
∅ 8 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (for d
× l = 8 × 11.5 ... 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for d
× l = 16 × 20 ... 16 × 31.5 mm and
18
× 20 ... 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 ... 18 mm)
VR = 16 V DC
270
8
× 11.5
2.192
0.274
0.246
436
B41858D4277M***
330
8
× 11.5
2.192
0.274
0.246
436
B41858D4337M***
470
10
× 12.5
1.035
0.129
0.113
746
B41858C4477M***
560
10
× 16
0.944
0.118
0.105
846
B41858C4567M***
680
10
× 16
0.946
0.118
0.105
846
B41858C4687M***
820
10
× 20
0.584
0.073
0.062
1202
B41858C4827M***
1000
10
× 20
0.584
0.073
0.062
1202
B41858C4108M***
1200
10
× 20
0.584
0.073
0.062
1202
B41858C4128M***
1500
12.5
× 20
0.496
0.062
0.060
1396
B41858C4158M***
1800
12.5
× 25
0.327
0.041
0.034
2028
B41858C4188M***
2200
12.5
× 25
0.327
0.041
0.034
2028
B41858C4228M***
2700
16
× 20
0.307
0.038
0.033
2146
B41858C4278M***
3300
12.5
× 40
0.243
0.030
0.025
2858
B41858D4338M***
3300
16
× 25
0.251
0.031
0.029
2483
B41858C4338M***
3900
16
× 31.5
0.192
0.024
0.022
3122
B41858D4398M***
3900
18
× 20
0.271
0.034
0.031
2381
B41858C4398M***
4700
18
× 25
0.217
0.027
0.024
2941
B41858C4478M***
6800
18
× 31.5
0.165
0.021
0.020
3539
B41858C4688M***
8200
18
× 35
0.160
0.020
0.018
3864
B41858C4828M***
10000
18
× 40
0.125
0.016
0.015
4467
B41858C4109M***
B41858
Low impedance
105
°C
Page 8 of 33
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41858C3687M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41858C3687M000 EPCOS-B41858C3687M000 Datasheet
607Kb / 33P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41858C3687M000 TDK-B41858C3687M000 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
logo
EPCOS
B41858C3687M001 EPCOS-B41858C3687M001 Datasheet
722Kb / 30P
   Single-ended capacitors
B41858C3687M001 EPCOS-B41858C3687M001 Datasheet
607Kb / 33P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41858C3687M002 TDK-B41858C3687M002 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41858C3687M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com