Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF10A60 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # UF10A60
Description  Utra Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

UF10A60 Datasheet(HTML) 2 Page - Mospec Semiconductor

  UF10A60 Datasheet HTML 1Page - Mospec Semiconductor UF10A60 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF10A60
FIG-3 FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
FIG-4 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (Volts.)
FIG-5 PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG-1 TYPICAL FORWARD CHARACTERISITICS
FORWARD VOLTAGE (Volts)
FIG-2 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE (﹪)
Set time base for 10/20 ns/cm
FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram
TJ=25℃
TJ=125℃


Similar Part No. - UF10A60

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
UF10.1 YUXIANG-UF10.1 Datasheet
45Kb / 2P
   UF cores and UI cores
UF10.5 YUXIANG-UF10.5 Datasheet
45Kb / 2P
   UF cores and UI cores
UF10.5A YUXIANG-UF10.5A Datasheet
45Kb / 2P
   UF cores and UI cores
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
UF100 TRSYS-UF100 Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
More results

Similar Description - UF10A60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
UF15A60 MOSPEC-UF15A60 Datasheet
199Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF30C60 MOSPEC-UF30C60 Datasheet
198Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A05 MOSPEC-U05A05 Datasheet
173Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF20C60 MOSPEC-UF20C60 Datasheet
200Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF16C60 MOSPEC-UF16C60 Datasheet
194Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF08A60 MOSPEC-UF08A60 Datasheet
188Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A30 MOSPEC-U05A30 Datasheet
191Kb / 2P
   Utra Fast Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com