Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSC0923NDI Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC0923NDI
Description  Dual N-Channel OptiMOS??MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC0923NDI Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC0923NDI Datasheet HTML 1Page - Infineon Technologies AG BSC0923NDI Datasheet HTML 2Page - Infineon Technologies AG BSC0923NDI Datasheet HTML 3Page - Infineon Technologies AG BSC0923NDI Datasheet HTML 4Page - Infineon Technologies AG BSC0923NDI Datasheet HTML 5Page - Infineon Technologies AG BSC0923NDI Datasheet HTML 6Page - Infineon Technologies AG BSC0923NDI Datasheet HTML 7Page - Infineon Technologies AG BSC0923NDI Datasheet HTML 8Page - Infineon Technologies AG BSC0923NDI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BSC0923NDI
Dual N-Channel OptiMOS™ MOSFET
Features
• Dual N-channel OptiMOS™ MOSFET
• Optimized for high performance Buck converter
• Logic level (4.5V rated)
• 100% avalanche tested
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
2)
Parameter
Symbol Conditions
Unit
Q1
Q2
Continuous drain current
I D
T C=70 °C, VGS=10V
40
40
A
T A=25 °C, VGS=4.5V
3)
17
32
T A=70 °C, VGS=4.5V
3)
14
25
T A=25 °C, VGS=10V
4)
10
15
Pulsed drain current
5)
I D,pulse
T C=70 °C
160
160
Avalanche energy, single pulse
E AS
Q1: I D=20 A,
Q2: I D=20 A,
R GS=25 W
9
20
mJ
Gate source voltage
V GS
V
Power dissipation
P tot
T A=25 °C
2)
2.5
2.5
W
T A=25 °C, minimum
footprint
3)
1.0
1.0
Operating and storage temperature
T j, T stg
°C
IEC climatic category; DIN IEC 68-1
4)
Device mounted on a minimum pad (one layer, 70 µm thick). One transistor active
5)
See figure 3 for more detailed information.
2)
One transistor active
3)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain connection. PCB is
vertical in still air.
Value
-55 ... 150
55/150/56
±20
1)
J-STD20 and JESD22
Type
Package
Marking
BSC0923NDI
PG-TISON-8
0923NDI
Q1
Q2
V
DS
30
30
V
R
DS(on),max
V
GS=10 V
5
2.8
m
W
V
GS=4.5 V
7
3.7
I
D
40
40
A
Product Summary
VPhase
Rev.2.0
page 1
2013-07-30


Similar Part No. - BSC0923NDI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0923NDI INFINEON-BSC0923NDI Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0923NDI INFINEON-BSC0923NDI_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
More results

Similar Description - BSC0923NDI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0911ND INFINEON-BSC0911ND Datasheet
743Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
BSZ0909ND INFINEON-BSZ0909ND Datasheet
1Mb / 11P
   Dual N-channel OptiMOS??MOSFET
Rev.2.0,2016-12-05
BSC0910NDI INFINEON-BSC0910NDI Datasheet
690Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-11-27
BSC0924NDI INFINEON-BSC0924NDI Datasheet
751Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
BSC0921NDI INFINEON-BSC0921NDI Datasheet
759Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
BSG0813NDI INFINEON-BSG0813NDI_16 Datasheet
376Kb / 14P
   Dual asymmetric N-channel OptiMOS?? MOSFET
Rev.2.1 2016-03-08
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com