Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSC0925ND Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC0925ND
Description  OptiMOSTM Power-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC0925ND Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC0925ND Datasheet HTML 1Page - Infineon Technologies AG BSC0925ND Datasheet HTML 2Page - Infineon Technologies AG BSC0925ND Datasheet HTML 3Page - Infineon Technologies AG BSC0925ND Datasheet HTML 4Page - Infineon Technologies AG BSC0925ND Datasheet HTML 5Page - Infineon Technologies AG BSC0925ND Datasheet HTML 6Page - Infineon Technologies AG BSC0925ND Datasheet HTML 7Page - Infineon Technologies AG BSC0925ND Datasheet HTML 8Page - Infineon Technologies AG BSC0925ND Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BSC0925ND
OptiMOSTM Power-MOSFET
Features
• Dual N-channel OptiMOS™ MOSFET
• Optimized for clean switching
• 100% avalanche tested
• Superior thermal resistance
• Optimized for high performance Buck converter
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
2)
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
40
A
V GS=4.5 V,
T A=25 °C
3)
15
V GS=4.5 V,
T A=70 °C
3)
12
V GS=10 V, T A=25 °C
4)
11
Pulsed drain current
5)
I D,pulse
T C=25 °C
160
Avalanche energy, single pulse
E AS
I D=20 A, R GS=25 W
14
mJ
Gate source voltage
V GS
±20
V
Value
1) J-STD20 and JESD22
2) One transistor active
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
5) See figure 3 for more detailed information.
4) Device mounted on a minimum pad (one layer, 70 µm thick). One transistor active
Type
Package
Marking
BSC0925ND
PG-TISON-8
0925ND
VPhase
V
DS
30
V
R
DS(on),max
5
m
W
I
D
40
A
Q
OSS
8.6
nC
Q
G(0V..10V)
13
nC
Product Summary
Rev. 2.0
page 1
2013-07-30


Similar Part No. - BSC0925ND

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0921NDI INFINEON-BSC0921NDI Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0921NDI INFINEON-BSC0921NDI Datasheet
759Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
BSC0921NDI INFINEON-BSC0921NDI_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0923NDI INFINEON-BSC0923NDI Datasheet
33Kb / 1P
   Material Content Data Sheet
14. August 2015
BSC0923NDI INFINEON-BSC0923NDI Datasheet
756Kb / 14P
   Dual N-Channel OptiMOS??MOSFET
Rev.2.0 2013-07-30
More results

Similar Description - BSC0925ND

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC009NE2LS INFINEON-BSC009NE2LS Datasheet
738Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-26
BSB013NE2LXI INFINEON-BSB013NE2LXI_13 Datasheet
609Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 2.4 2013-02-12
BSC050NE2LS INFINEON-BSC050NE2LS_13 Datasheet
835Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.3 2013-04-29
BSC032NE2LS INFINEON-BSC032NE2LS_13 Datasheet
761Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-04-29
BSC010NE2LS INFINEON-BSC010NE2LS_13 Datasheet
760Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-02-12
BSC014NE2LSI INFINEON-BSC014NE2LSI_13 Datasheet
744Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-04-26
BSC018NE2LSI INFINEON-BSC018NE2LSI Datasheet
682Kb / 10P
   OptiMOSTM Power-MOSFET
Rev.2.2 2013-04-29
BSC016N06NS INFINEON-BSC016N06NS_13 Datasheet
610Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.1 2013-01-29
BSC018NE2LS INFINEON-BSC018NE2LS_13 Datasheet
820Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-02-12
BSC011N03LS INFINEON-BSC011N03LS_13 Datasheet
752Kb / 10P
   OptiMOSTM Power-MOSFET
Rev. 2.2 2013-05-14
BSF035NE2LQ INFINEON-BSF035NE2LQ Datasheet
910Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 1.3 2013-09-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com