Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07B Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # S07B
Description  1.0 AMP. SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

S07B Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  S07B Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 379 -
S07A THRU S07M
1.0 AMP. SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
FEATURES
·
Glass passivated device
·
Ideal for surface mouted applications
·
Low reverse leakage
·
Metallurgically bonded construction
·
High temperature soldering guaranteed:
250°C /10 seconds at terminals.
MECHANICAL DATA
·
Case: JEDEC SOD-123FL, molded plastic over
passivated chip
·
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
·
Polarity: Color band denotes cathode end
·
Weight: 0.006 ounces, 0.02 gram
·
Mounting position: Any
SOD-123FL
0.60+/-0.25
1.3+/-0.15
0.05~0.3
2.8+/-0.1
Cathode Band
1.8+/-0.1
1.0+/-0.2
3.7+/-0.2
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Marking
SYMBOL
S07A S07B S07D S07G S07J S07K S07M
units
SA
SB
SD
SG
SJ
SK
SM
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward rectified Current
at TA =65°C (Note 1)
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
25
A
Maximum Instantaneous forward Voltage at
1.0A DC
VF
1.1
V
Maximum DC Reverse Current @TA =25°C
at rated DC blocking voltage
@TA =125°C
IR
5.0
100.0
µA
Typical Junction Capacitance (Note 2)
CJ
4
pF
Typical thermal resistance (Note 3)
R(JA)
180
°C /W
Storage Temperature Range
TSTG
-55 to +150
°C
Operation Temperature Range
TJ
-55 to +150
°C
Note:
1.Averaged over any 20 ms period.
2.Measured at 1MHz and applied reverse voltage of 4.0Vd.c.
3.Measured on P.C. Board with 0.2×0.2″(5.0×5.0mm) Copper Pad Areas


Similar Part No. - S07B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S07B BILIN-S07B Datasheet
122Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
S07B VISHAY-S07B Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B VISHAY-S07B Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B VISHAY-S07B Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 2.0, 20-Aug-10
logo
Shenzhen Luguang Electr...
S07B LUGUANG-S07B Datasheet
208Kb / 3P
   Surface Mount Rectifiers
More results

Similar Description - S07B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM4001MH SECOS-SM4001MH Datasheet
154Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
SM4001M SECOS-SM4001M_15 Datasheet
63Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
SM4001MH SECOS-SM4001MH_15 Datasheet
160Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
SM4001M SECOS-SM4001M Datasheet
57Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
logo
Nanjing International G...
M1F DGNJDZ-M1F Datasheet
183Kb / 2P
   1.0 AMP SURFACE MOUNT GENERAL RECTIFIERS
M1F-M7F DGNJDZ-M1F-M7F Datasheet
157Kb / 2P
   1.0 AMP SURFACE MOUNT GENERAL RECTIFIERS
logo
UNIOHM CORPORATION
SM4001 UNIOHM-SM4001 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SM4001A UNIOHM-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A Datasheet
192Kb / 2P
   1.0 AMP Surface Mount Silicon Rectifiers
logo
Goodwork Semiconductor ...
SM4001A GWSEMI-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com