Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN65518 Datasheet(PDF) 6 Page - TI store

Part No. SN65518
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [TI store]
Homepage  http://www.ti.com
Logo 

   
 6 page
background image
SN65518, SN75518
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS004B – MARCH 1983 – REVISED MAY 1990
4–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC2 = 60 V, CL = 50 pF, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td
Delay time CLOCK to DATA OUT
VCC1 = 4.5 V
CL = 15 pF,
600
ns
td
Delay time, CLOCK to DATA OUT
VCC1 = 15 V
L
,
See Figure 4
150
ns
From LATCH ENABLE
VCC1 =4 5V
See Figure 5
1.5
tDHL
Delay time high to low level Q output
From STROBE
VCC1 = 4.5 V
See Figure 6
1
µs
tDHL
Delay time, high-to-low-level Q output
From LATCH ENABLE
VCC1 =15V
See Figure 5
0.5
µs
From STROBE
VCC1 = 15 V
See Figure 6
0.5
From LATCH ENABLE
VCC1 =4 5V
See Figure 5
1.5
tDLH
Delay time low to high level Q output
From STROBE
VCC1 = 4.5 V
See Figure 6
1
µs
tDLH
Delay time, low-to-high-level Q output
From LATCH ENABLE
VCC1 =15V
See Figure 5
0.25
µs
From STROBE
VCC1 = 15 V
See Figure 6
0.25
tTHL
Transition time high to low level Q output
VCC1 = 4.5 V
See Figure 6
3
µs
tTHL
Transition time, high-to-low-level Q output
VCC1 = 15 V
See Figure 6
1.5
µs
tTLH
Transition time low to high level Q output
VCC1 = 4.5 V
See Figure 6
2.5
µs
tTLH
Transition time, low-to-high-level Q output
VCC1 = 15 V
See Figure 6
0.75
µs
RECOMMENDED OPERATING CONDITIONS
Minimum VIH
TA = Full Range
5
4
3
2
1
14
12
10
8
6
0
16
6
4
3
Supply Voltage, VCC1 – V
12
15
0
57
9
11
13
2
4
6
8
10
TA = Full Range
INPUT VOLTAGE
vs
SUPPLY VOLTAGE VCC1
MAXIMUM CLOCK FREQUENCY
vs
SUPPLY VOLTAGE VCC1
Maximum VIL
Supply Voltage, VCC1 – V
Figure 1
Figure 2




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TL4810BVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTI store
SN65512CVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTI store
LC7570Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications 1 2 3 4 Sanyo Semicon Device
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
16T202DA1JVACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
20S207DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
UDN-6100ASERIES UDN-6100A AND UDN-6100R FLUORESCENT DISPLAY DRIVERS 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl