Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN65518 Datasheet(PDF) 5 Page - TI store

Part No. SN65518
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [TI store]
Homepage  http://www.ti.com
Logo 

   
 5 page
background image
SN65518, SN75518
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS004B – MARCH 1983 – REVISED MAY 1990
4–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions, TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VCC1
4.5
15
V
Supply voltage, VCC2
0
60
V
High level input voltage VIH (see Figure 1)
VCC1 = 4.5 V
3.5
V
High-level input voltage, VIH (see Figure 1)
VCC1 = 15 V
12
V
Low-level input voltage, VIL (see Figure 1)
– 0.3
0.8
V
High-level output current, IOH
–25
mA
Low-level output current, IOL
2
mA
Clock frequency f lk (see Figure 2)
VCC1 = 10 V to 15 V
0
5
MHz
Clock frequency, fclock (see Figure 2)
VCC1 = 4.5 V
0
1
MHz
Pulse duration CLOCK high t (CKH)
VCC1 = 10 V to 15 V
100
ns
Pulse duration, CLOCK high, tw(CKH)
VCC1 = 4.5 V
500
ns
Pulse duration CLOCK low t (CKL)
VCC1 = 10 V to 15 V
100
ns
Pulse duration, CLOCK low, tw(CKL)
VCC1 = 4.5 V
500
ns
Setup time DATA IN before CLOCK
t
VCC1 = 10 V to 15 V
75
ns
Setup time, DATA IN before CLOCK
, tsu
VCC1 = 4.5 V
150
ns
Hold time DATA IN after CLOCK
th
VCC1 = 10 V to 15 V
75
ns
Hold time, DATA IN after CLOCK
, th
VCC1 = 4.5 V
150
ns
Operating free air temperature TA
SN65518
–40
85
°C
Operating free-air temperature, TA
SN75518
0
70
°C
electrical characteristics over recommended ranges of operating free-air temperature and VCC1,
VCC2 = 60 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 12 mA
– 1.5
V
VOH
High level output voltage
Q outputs
IOH = – 25 mA
57.5
58
V
VOH
High-level output voltage
SERIAL OUT
VCC1 = 5 V,
IOH = – 20 µA
4.5
4.9
5
V
VOL
Low level output voltage
Q outputs
IOL = 1 mA
5
V
VOL
Low-level output voltage
SERIAL OUT
IOL = 20 µA
0.06
0.8
V
IIH
High-level input current
VCC1 = 15 V,
VI = 15 V
0.1
1
µA
IIL
Low-level input current
VCC1 = 15 V,
VI = 0 V
– 0.1
–1
µA
ICC1
Supply current
VCC1 = 4.5 V
1.8
4
mA
ICC1
Supply current
VCC1 = 15 V
2
5
mA
SN65518
Outputs high,
TA = – 40°C
12
ICC2
Supply current
SN65518,
Outputs high,
TA = 0°C to MAX
7
10
mA
SN75518
Outputs low
0.01
0.5
† All typical values are at TA = 25°C.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TL4810BVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTI store
SN65512CVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTI store
LC7570Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications 1 2 3 4 Sanyo Semicon Device
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
16T202DA1JVACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
20S207DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
UDN-6100ASERIES UDN-6100A AND UDN-6100R FLUORESCENT DISPLAY DRIVERS 1 2 3 4 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl