Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF1220A2S7 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF1220A2S7
Description  This specification shall cover the characteristics of SAW filter With F1220A2S7 used digital
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF1220A2S7 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF1220A2S7 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF1220A2S7 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF1220A2S7 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF1220A2S7 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF1220A2S7 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF1220A2S7 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF1220A2S7 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF1220A2S7 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SAW FILTER
HDF1220A2 S-7
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 8
1. SCOPE
This specification shall cover the characteristics of SAW filter With F1220A2S7 used digital
television
2. ELECTRICAL SPECIFICATION
Dc voltage VDC>
0V
Operation temperature
-40°C~+85°C
Storage temperature
-40°C~+85°C
RF Power dissipation
0 dBm(source impedance 200Ω)
Electronic Characteristics
2-1.Typical frequency response


Similar Part No. - HDF1220A2S7

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF1220A2 SHOULDER-HDF1220A2 Datasheet
345Kb / 7P
   SAW FILTER
More results

Similar Description - HDF1220A2S7

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF1086AS7 SHOULDER-HDF1086AS7 Datasheet
169Kb / 8P
   This specification shall cover the characteristics of SAW filter With F1086AS7 used digital
HDF1120AS7 SHOULDER-HDF1120AS7 Datasheet
171Kb / 8P
   This specification shall cover the characteristics of SAW filter With F1120AS7 used digital
HDF1086A1S7 SHOULDER-HDF1086A1S7 Datasheet
214Kb / 8P
   This specification shall cover the characteristics of SAW filter With F1086A1S7 used digital
HDF1220A1S7 SHOULDER-HDF1220A1S7 Datasheet
224Kb / 8P
   This specification shall cover the characteristics of SAW filter With F1220A1S7 used digital
HDBF07011A64 SHOULDER-HDBF07011A64 Datasheet
126Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF07011A64 used for
HDBF07001H64 SHOULDER-HDBF07001H64 Datasheet
107Kb / 5P
   This specification shall cover the characteristics of SAW filter BF07001H64
HDBF07004B64 SHOULDER-HDBF07004B64 Datasheet
117Kb / 7P
   This specification shall cover the characteristics of SAW filter BF07004B64
HDBF14004E63 SHOULDER-HDBF14004E63 Datasheet
129Kb / 7P
   This specification shall cover the characteristics of SAW filter BF14004E63
HDBF14014B64 SHOULDER-HDBF14014B64 Datasheet
117Kb / 7P
   This specification shall cover the characteristics of SAW filter BF14014B64
HDBF15610A24 SHOULDER-HDBF15610A24 Datasheet
156Kb / 7P
   This specification shall cover the characteristics of SAW filter HDBF15610A24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com