Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9072A Datasheet(PDF) 9 Page - Keysight Technologies

Part # W9072A
Description  X-Series Measurement Application
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

W9072A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button W9072A Datasheet HTML 5Page - Keysight Technologies W9072A Datasheet HTML 6Page - Keysight Technologies W9072A Datasheet HTML 7Page - Keysight Technologies W9072A Datasheet HTML 8Page - Keysight Technologies W9072A Datasheet HTML 9Page - Keysight Technologies W9072A Datasheet HTML 10Page - Keysight Technologies W9072A Datasheet HTML 11Page - Keysight Technologies W9072A Datasheet HTML 12Page - Keysight Technologies W9072A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Performance Specifications
Description
PXA
MXA
EXA
CXA
Channel power
Minimum power at RF input
−50 dBm (nom)
Absolute power accuracy
± 0.61 dB
± 0.19 dB
(95th percentile)
± 0.82 dB
± 0.23 dB
(95th percentile)
± 0.94 dB
± 0.27 dB
(95th percentile)
± 1.33 dB
± 0.61 dB
(95th percentile)
 Measurement floor
−90.8 dBm (nom)
−88.8 dBm (nom)
−84.0 dBm (nom)
−83.8 dBm (nom)
Adjacent channel power
Minimum power at RF input
−36 dBm (nom)
Dynamic range
(reference to average power of
carrier in 1.23 MHz bandwidth)
Offset frequency/integrated
bandwidth
750 kHz/30 kHz
−85.9 dBc
−89.5 dBc (typ)
−78.6 dBc
−85.1 dBc (typ)
−73.6 dBc
−81.0 dBc (typ)
−67.4 dBc
−72.7 dBc (typ)
1980 kHz/30 kHz
−87.6 dBc
−90.6 dBc (typ)
−83.1 dBc
−87.9 dBc (typ)
−78.3 dBc
−83.9 dBc (typ)
−75.6 dBc
−79.6 dBc (typ)
ACPR relative accuracy
Offsets < 750 kHz
± 0.04 dB
± 0.09 dB
± 0.09 dB
± 0.09 dB
Offsets > 1.98 MHz
± 0.04 dB
± 0.10 dB
± 0.10 dB
± 0.10 dB
Spectrum emission mask
Dynamic range (relative)
750 kHz (30 kHz RBW)
85.9 dBc
89.5 dBc (typ)
78.6 dBc
85.1 dBc (typ)
73.6 dBc
81.0 dBc (typ)
67.4 dBc
72.7 dBc (typ)
Sensitivity, absolute
 
 
 
 
750 kHz (30 kHz RBW)
−103.7 dBc
−106.7 dBc (typ)
−99.7 dBc
−104.7 dBc (typ)
−94.7 dBc
−100.7 dBc (typ)
−93.7 dBc
−99.7 dBc (typ)
Accuracy, relative
750 kHz (30 kHz RBW)
± 0.04 dB
± 0.09 dB
± 0.09 dB
± 0.09 dB
Spurious emission
Dynamic range, relative
(RBW=1 MHz)
88.8 dB
92.1 dB (typ)
81.3 dB
82.8 dB (typ)
76.9 dB
77.4 dB (typ)
71.7 dB
76.6 dB (typ)
Sensitivity, absolute
(RBW=1 MHz)
−88.5 dBm
−91.5 dBm (typ)
−84.5 dBm
−89.5 dBm (typ)
−82.5 dBm
−86.5 dBm (typ)
−78.4 dBm
−84.4 dBm (typ)
Accuracy (attenuation = 10 dB)
20 Hz to 3.6 GHz
(100 kHz to 3.0 GHz for CXA)
± 0.19 dB
(95th percentile)
± 0.29 dB
(95th percentile)
± 0.38 dB
(95th percentile)
± 0.81 dB
(95th percentile)
3.5 GHz to 8.4 GHz
(3.0 GHz to 7.5 GHz for CXA)
± 1.08 dB
(95th percentile)
± 1.17 dB
(95th percentile)
± 1.22 dB
(95th percentile)
± 1.80 dB
(95th percentile)
8.3 GHz to 13.6 GHz
± 1.48 dB
(95th percentile)
± 1.54 dB
(95th percentile)
± 1.59 dB
(95th percentile)
NA
Occupied bandwidth
Minimum power at RF input
 –30 dBm (nom)
Frequency accuracy
± 2 kHz (nom) ( RBW = 30 kHz, Number of points = 1001, Span = 2 MHz)


Similar Part No. - W9072A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9071A KEYSIGHT-W9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
W9073A KEYSIGHT-W9073A Datasheet
1Mb / 18P
   X-Series Measurement Application
W9075A KEYSIGHT-W9075A Datasheet
2Mb / 12P
   Measurement Application
W9076A KEYSIGHT-W9076A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9077A KEYSIGHT-W9077A Datasheet
2Mb / 15P
   X-Series Measurement Application
More results

Similar Description - W9072A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9071A KEYSIGHT-W9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
W9081A KEYSIGHT-W9081A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9082B KEYSIGHT-W9082B Datasheet
1Mb / 19P
   X-Series Measurement Application
W6153A KEYSIGHT-W6153A Datasheet
1Mb / 15P
   X-Series Measurement Application
W6152A KEYSIGHT-W6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
N6156A KEYSIGHT-N6156A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9071A KEYSIGHT-N9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
N9072A KEYSIGHT-N9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9073A KEYSIGHT-N9073A Datasheet
1Mb / 18P
   X-Series Measurement Application
N6152A KEYSIGHT-N6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com