Electronic Components Datasheet Search |
|
N9923A-308 Datasheet(PDF) 11 Page - Keysight Technologies |
|
N9923A-308 Datasheet(HTML) 11 Page - Keysight Technologies |
11 / 18 page Vector Voltmeter (Option 308) With vector voltmeter mode, you can characterize the difference between two measurements easily. The zeroing function allows you to create a reference signal, and characterize the difference between two device measurements. – 1-port cable trimming - reflection or S11 measurement, magnitude and phase – 2-port transmission - transmission or S21 measurement, magnitude and phase – A/B and B/A - ratio of two receivers or channels, magnitude and phase –Need an external signal generator for the A/B or B/A measurement (must order Option 122). The results are shown on a large display in digital format. Refer to the network analyzer section for magnitude and phase accuracy information. Cable and Antenna Analyzer (Option 305) The following CAT mode performance parameters are in addition to the VNA mode performance parameters specified above. Table1: Cable and antenna analyzer specifications Description Specification Supplemental Information Cable loss Display range 0 to 100 dB Resolution 0.01 dB Distance–to–Fault Horizontal range Range = [(number of points – 1) / frequency span * 2] * velocity factor * speed of light Number of points auto coupled according to start and stop distance entered Horizontal Resolution Resolution = Range/ (number of points – 1) Number of points settable by user Bandpass mode Window types Maximum, medium, and minimum windows Mixed-Mode S-Parameters (Option 212) Mixed-mode S-parameters are also known as balanced measurements. Measurements Scc11 Common mode reflection Sdd11 Differential mode reflection Scd11 Differential mode stimulus, common mode response Sdc11 Common mode stimulus, differential mode response FieldFox’s mixed-mode S-parameter measurements require the use of the default factory calibration or a user 2-port calibration. So the FieldFox analyzer must be equipped with 2-port measurement functionality to measure mixed-mode S-parameters. Mixed- mode S-parameters are an extension of the VNA capabilities. External USB Power Sensor Support (Option 302) The external USB power sensor option supports the Keysight Technologies, Inc. USB Power Sensors. List of supported sensors available from: http://www.keysight.com/find/usbsensorsforfieldfox. 11 | Keysight | N9923A FieldFox RF Vector Network Analyzer - Data Sheet |
Similar Part No. - N9923A-308 |
|
Similar Description - N9923A-308 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |