Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5401YI-00-T2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5401YI-00-T2
Description  Quad Digital Potentiometer (POT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5401YI-00-T2 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5401YI-00-T2 Datasheet HTML 1Page - ON Semiconductor CAT5401YI-00-T2 Datasheet HTML 2Page - ON Semiconductor CAT5401YI-00-T2 Datasheet HTML 3Page - ON Semiconductor CAT5401YI-00-T2 Datasheet HTML 4Page - ON Semiconductor CAT5401YI-00-T2 Datasheet HTML 5Page - ON Semiconductor CAT5401YI-00-T2 Datasheet HTML 6Page - ON Semiconductor CAT5401YI-00-T2 Datasheet HTML 7Page - ON Semiconductor CAT5401YI-00-T2 Datasheet HTML 8Page - ON Semiconductor CAT5401YI-00-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT5401
http://onsemi.com
5
Table 4. POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance (−00)
100
kW
RPOT
Potentiometer Resistance (−50)
50
kW
RPOT
Potentiometer Resistance (−10)
10
kW
RPOT
Potentiometer Resistance (−2.5)
2.5
kW
Potentiometer Resistance Tolerance
20
%
RPOT Matching
1
%
Power Rating
25C, each pot
50
mW
IW
Wiper Current
+3
mA
RW
Wiper Resistance
IW = 3 mA @ VCC = 3 V
200
300
W
RW
Wiper Resistance
IW = 3 mA @ VCC = 5 V
100
150
W
VTERM
Voltage on any RH or RL Pin
VSS = 0 V
GND
VCC
V
VN
Noise
(Note 3)
nVHz
Resolution
0.4
%
Absolute Linearity (Note 4)
RW(n)(actual) − R(n)(expected)
(Note 7)
+1
LSB
(Note 6)
Relative Linearity (Note 5)
RW(n+1) − [RW(n) + LSB]
(Note 7)
+0.2
LSB
(Note 6)
TCRPOT
Temperature Coefficient of RPOT
(Note 3)
+300
ppm/C
TCRATIO
Ratiometric Temp. Coefficient
(Note 3)
20
ppm/C
CH/CL/CW
Potentiometer Capacitances
(Note 3)
10/10/25
pF
fc
Frequency Response
RPOT = 50 kW (Note 3)
0.4
MHz
3. This parameter is tested initially and after a design or process change that affects the parameter.
4. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
5. Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer.
It is a measure of the error in step size.
6. LSB = RTOT / 63 or (RH − RL) / 63, single pot
7. n = 0, 1, 2, ..., 63
Table 5. D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC
Power Supply Current
fSCL = 2 MHz, SO = Open
Inputs = GND
1
mA
ISB
Standby Current (VCC = 5 V)
VIN = GND or VCC, SO = Open
1
mA
ILI
Input Leakage Current
VIN = GND to VCC
10
mA
ILO
Output Leakage Current
VOUT = GND to VCC
10
mA
VIL
Input Low Voltage
−1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 1.0
V
VOL1
Output Low Voltage (VCC = 3 V)
IOL = 3 mA
0.4
V
Table 6. PIN CAPACITANCE (Note 8)
(Available over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = 5 V (unless otherwise noted).)
Symbol
Test
Conditions
Max
Units
COUT
Output Capacitance (SO)
VOUT = 0 V
8
pF
CIN
Input Capacitance (CS, SCK, SI, WP, HOLD)
VIN = 0 V
6
pF


Similar Part No. - CAT5401YI-00-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5401YI-00-T2 ONSEMI-CAT5401YI-00-T2 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
More results

Similar Description - CAT5401YI-00-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com