Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF922A1S6 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF922A1S6
Description  Low-Loss SAW Filter of cordless system
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF922A1S6 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF922A1S6 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF922A1S6 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF922A1S6 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF922A1S6 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF922A1S6 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF922A1S6 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF922A1S6 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF922A1S6 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAW FILTER
HDF922A1
S-6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 8
3.5 Test Circuit
4. ENVIRONMENTAL CHARACTERISTICS
4-1 High temperature exposure
Subject the device to +85℃ for 16 hours. Then release the filter into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 3.3.
4-2 Low temperature exposure
Subject the device to -40℃ for 16 hours. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 3.3.
4-3 Temperature cycling
Subject the device to a low temperature of -40℃for 30 minutes. Following by a high
temperature of +85℃ for 30 Minutes. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall meet the specifications in 3.3.
4-4 Resistance to solder heat
Dip the device terminals no closer than 1.5mm into the solder bath at 260℃ ±10℃ for
10±1 sec. Then release the device into the room conditions for 4 hours. The device shall
meet the specifications in 3.3.
4-5 Solderability
Subject the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than 95%
area of the terminals must be covered with new solder. It shall meet the specifications in
3.3.
4-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the device
shall fulfill the specifications in 3.3.
4-7 Vibration
Subject the device to the vibration for 1 hour each in x,y and z axes with the amplitude of
1.5 mm at 10 to 55 Hz. The device shall fulfill the specifications in 3.3.


Similar Part No. - HDF922A1S6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF922AS6 SHOULDER-HDF922AS6 Datasheet
160Kb / 8P
   Operation Temperature Range
More results

Similar Description - HDF922A1S6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF674AS4 SHOULDER-HDF674AS4 Datasheet
208Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF767ANS6 SHOULDER-HDF767ANS6 Datasheet
223Kb / 9P
   Low-Loss SAW Filter of cordless system.
HDF897E3S6 SHOULDER-HDF897E3S6 Datasheet
222Kb / 9P
   Low-Loss SAW Filter of cordless system
HDF8683A1S4 SHOULDER-HDF8683A1S4 Datasheet
190Kb / 9P
   Low-Loss SAW Filter of cordless system.
HDF860CS6 SHOULDER-HDF860CS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system
HDF921A2S4 SHOULDER-HDF921A2S4 Datasheet
164Kb / 8P
   Low-Loss SAW Filter of cordless system
HDF682AS4 SHOULDER-HDF682AS4 Datasheet
189Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF746AS4 SHOULDER-HDF746AS4 Datasheet
160Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF802ANS3 SHOULDER-HDF802ANS3 Datasheet
161Kb / 7P
   Low-Loss SAW Filter of cordless system.
HDF806CS6 SHOULDER-HDF806CS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF86835AS6 SHOULDER-HDF86835AS6 Datasheet
168Kb / 8P
   Low-Loss SAW Filter of cordless system.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com