Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4881-CTA Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS4881-CTA
Description  Monolithic Video Sync Separators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4881-CTA Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS4881-CTA Datasheet HTML 6Page - Gennum Corporation GS4881-CTA Datasheet HTML 7Page - Gennum Corporation GS4881-CTA Datasheet HTML 8Page - Gennum Corporation GS4881-CTA Datasheet HTML 9Page - Gennum Corporation GS4881-CTA Datasheet HTML 10Page - Gennum Corporation GS4881-CTA Datasheet HTML 11Page - Gennum Corporation GS4881-CTA Datasheet HTML 12Page - Gennum Corporation GS4881-CTA Datasheet HTML 13Page - Gennum Corporation GS4881-CTA Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
520 - 23 - 03
VIDEO
0.01µF
CH1
CH2
2
75
4
8
680k
0.1µ
6
0.1µF
CH1
VIDEO
CH2
2
75
4
8
680k
0.1µ
6
APPLICATION NOTES
(1) Choosing the Appropriate Input Coupling Capacitor to
Optimize Slicing Level and Hum Rejection
The video designer can adjust the slicing level by choosing the
value of the input coupling capacitor. The relationship between
slicing level and input coupling capacitor is described by the
following equation.
∆V
SLICE
=
∆T = V
DROOP
where:
I
DIS
= clamp discharge current = 11
µA
∆T = T
LINE - TSYNC = (63.5 µs - 4.7 µs)
C
C
= input coupling capacitor
I
DIS
C
C
137
127
117
107
97
87
77
0.01 0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09 0.10
INPUT COUPLING CAPACITOR (
µF)
Fig. 21 Slicing Level vs Input Coupling Capacitor
Figure 21 is a graphical representation of this equation and
photographs 1 and 2 show the input video waveforms
for 0.1
µF and 0.01 µF input capacitors respectively. The
advantage in choosing a smaller input coupling capacitor, is
increased hum rejection as the following analyses illustrates.
Test Circuit 1
Test Circuit 2
Photograph 2
Photograph 1
CH1
CH2
CH1
CH2


Similar Part No. - GS4881-CTA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results

Similar Description - GS4881-CTA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com