Electronic Components Datasheet Search |
|
XC836MT Datasheet(PDF) 8 Page - Infineon Technologies AG |
|
XC836MT Datasheet(HTML) 8 Page - Infineon Technologies AG |
8 / 57 page XC835/836 Summary of Features Data Sheet 2 V1.4, 2011-10 Features: (continued) • Power saving modes – idle mode – power-down mode with wake-up capability via real-time clock event – clock gating control to each peripheral • Programmable 16-bit Watchdog Timer (WDT) running on independent oscillator with programmable window feature for refresh operation and warning prior to overflow • Three general purpose I/O ports – 4 high current I/O – 2 high sink I/O – Up to 25 pins as digital I/O – Up to 8 pins as digital/analog input • Up to 8 channels, 10-bit A/D Converter – support up to 7 differential input channel – results filtering by data reduction or digital low-pass filter, for up to 13-bit results • Up to 8 channels, Out of range comparator • Three 16-bit timers – Timer 0 and Timer 1 (T0 and T1) – Timer 2 (T2) • Real-time clock with 32.768 kHz crystal pad • 16-bit Vector Computer for Field-Oriented Control (FOC) – Multiplication/Division Unit (MDU) for arithmetic calculation – CORDIC Unit for trigonometric calculation • Capture and Compare unit for PWM signal generation (CCU6) • A full-duplex or half-duplex serial interface (UART) • Synchronous serial channel (SSC) • Inter-IC (IIC) serial interface • LED and Touch-sense Controller (LEDTSCU) • Software libraries to support fixed-point control and EEPROM emulation • On-chip debug support via single pin DAP interface (SPD) • Packages: – PG-DSO-24 – PG-TSSOP-28 • Temperature range T A: – SAF (-40 to 85 °C) – SAK (-40 to 125 °C) |
Similar Part No. - XC836MT |
|
Similar Description - XC836MT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |